Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 27Page - Renesas Technology Corp 7480 Datasheet HTML 28Page - Renesas Technology Corp 7480 Datasheet HTML 29Page - Renesas Technology Corp 7480 Datasheet HTML 30Page - Renesas Technology Corp 7480 Datasheet HTML 31Page - Renesas Technology Corp 7480 Datasheet HTML 32Page - Renesas Technology Corp 7480 Datasheet HTML 33Page - Renesas Technology Corp 7480 Datasheet HTML 34Page - Renesas Technology Corp 7480 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
30
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
(1) Timer Mode
The frequency of f(XIN)/8, f(XIN)/64, f(XIN)/128 or f(XIN)/256 is
counted.
(2) Programmable Waveform Generation Mode
This operation is the same as the timer mode, except that a timer
outputs the level of the value set in the output level latch of the
timer 1 mode register/timer 2 mode register from the T0 or T1 pin
each time a timer underflows.
After the timer underflows, the timer can output an optional wave-
form from the T0 or T1 pin if the values of the output level latch and
timer latch are changed.
In this mode, set the port in common with the T0/T1 pin as an out-
put port.
Fig. 26 Block diagram of timer 1, timer 2
q Timers 1 and 2
Timer 1 and timer 2 are the 8-bit timers. They can select the fol-
lowing 2 modes by setting timer 1 mode register and timer 2 mode
register.
• Timer mode
• Programmable waveform generation mode
When the count source is changed, set it again as the timer value
may go wrong.
Fig. 27 Structure of timer 1/timer 2 mode register
Timer stop control bit
0 : Count operation
1 : Count stop
Timer 1 mode register (T1M : address 00F9 16)
Timer 2 mode register (T2M : address 00FA 16)
b7
b0
Timer operation mode bit
0 : Timer mode
1 : Programmable waveform generation mode
Output level latch
0 : “L” output
1 : “H” output
Timer count source selection bits
b7 b6
0
0 : f(XIN)/8
0
1 : f(XIN)/64
1
0 : f(XIN)/128
1
1 : f(XIN)/256
Not used (“0” at read)
Not used (“0” at read)
Timer mode register
Count stop
control bit
f(XIN)/8
Timer interrupt
request bit
8
8
T
TL
8
8
Data bus
Data bus
f(XIN)/64
f(XIN)/128
f(XIN)/256
Output
level latch
T
D
Q
Timer count source
selection bits
“00”
“01”
“10”
“11”
T0, T1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com