Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 36Page - Renesas Technology Corp 7480 Datasheet HTML 37Page - Renesas Technology Corp 7480 Datasheet HTML 38Page - Renesas Technology Corp 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp 7480 Datasheet HTML 41Page - Renesas Technology Corp 7480 Datasheet HTML 42Page - Renesas Technology Corp 7480 Datasheet HTML 43Page - Renesas Technology Corp 7480 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
39
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Watchdog Timer
The watchdog timer gives a means for returning to a reset status
when the program fails to run on its normal loop due to a runaway.
The watchdog timer consists of a 7-bit watchdog timer L and an 8-
bit watchdog timer H.
q Initial Value of Watchdog Timer
By a reset or writing to the watchdog timer H, the watchdog timer
H is set to “FF16” and the watchdog timer L is set to “7F16”. Any in-
struction that permits generating a write signal can be used; for
example, STA, LDM, CLB, etc. Write data has no significance, so
the above values are set regardless of that data.
q Operation of Watchdog Timer
The watchdog timer stops at reset, and writing a value in the
watchdog timer H causes it to start to count down. When bit 7 of
the watchdog timer H becomes “0”, an internal reset occurs.
The reset status is released as soon as the release reset time is
up. After that, the 7480/7481 group runs the program from the re-
set vector address. It is programmed that the watchdog timer H
can be set before bit 7 of the watchdog timer H is cleared to “0”. If
the watchdog timer H is never written, the watchdog timer does
not function. When the STP instruction is executed, the clock
stops and the watchdog timer also stops. The count is restarted as
soon as the stop mode is released. (Note) On the other hand, the
watchdog timer does not stop after execution of the WIT instruc-
tion.
The timing from writing to the watchdog timer H to clearing bit 7 of
the watchdog timer H to “0” is shown below. (f(XIN)=8 MHz)
• When bit 3 of the CPU mode register is “0” ............. 16.384 ms
• When bit 3 of the CPU mode register is “1” ............ 32.768 ms
Note: Since the watchdog timer still counts for the stop release
waiting time (about 2048 cycles of XIN), bit 7 of the watch-
dog timer H should not be cleared to “0” in this period.
Fig. 40 Block diagram of watchdog timer
Watchdog timer L (7)
Watchdog timer H (8)
1/8
1/16
“0”
“1”
Watchdog timer L count
source selection bit
Write “7F16” to the
watchdog timer register
Write “FF16” to the
watchdog timer register
Data bus
Reset circuit
Internal reset
RESET
f(XIN)
bit7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com