Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 34Page - Renesas Technology Corp 7480 Datasheet HTML 35Page - Renesas Technology Corp 7480 Datasheet HTML 36Page - Renesas Technology Corp 7480 Datasheet HTML 37Page - Renesas Technology Corp 7480 Datasheet HTML 38Page - Renesas Technology Corp 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp 7480 Datasheet HTML 41Page - Renesas Technology Corp 7480 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
37
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
A-D Converter
For A-D conversion, the 8-bit successive comparison method is
used. Figure 38 shows a block diagram of A-D conversion. Con-
version is automatically performed once started by the program.
There are 8 analog input pins that are in common with P27 to P20
of port P2 (4 pins of P23 to P20 in the 7480 group).
Pin inputs to be A-D converted are selected by bit 2 to bit 0 of the
A-D control register (address 00D916). Bit 3 of the A-D control reg-
ister is an A-D conversion completion bit. This bit is “0” during A-D
conversion and “1” after completion of it. Accordingly, it is possible
by checking this bit to know whether A-D conversion is completed
or not. Figure 39 shows the relationship between the contents of
the A-D control register and input pins to be selected.
The A-D conversion register (address 00DA16) stores conversion
results, so it is possible to know them by reading the contents of
this register.
Next, the procedure for executing A-D conversion will be ex-
plained below. First, set values in bit 2 to bit 0 of the A-D control
register and select pins to be A-D converted.
Next, clear the A-D conversion completion bit to “0”. With this write
operation, A-D conversion is started. The A-D conversion is com-
pleted after the lapse of 50 machine cycles (12.5
µs at f(XIN)= 8
MHz), and the A-D conversion completion bit is set to “1”. The A-D
conversion interrupt request bit is also set to “1”. Conversion re-
sults are stored in the A-D conversion register.
Fig. 38 Block diagram of A-D converter circuit
Comparator
A-D control circuit
A-D conversion register
(address 00DA16)
Switch tree
Ladder resistor
A-D conversion
completion
interrupt request
VSS (Note 1)
VREF
1 : AVSS for the 44P6N package of the 7481 group.
2 : The 7480 group is not provided with P2 4/IN4 to P27/IN7.
P20/IN0
P21/IN1
P22/IN2
P23/IN3
P24/IN4
P25/IN5
P26/IN6
P27/IN7
Data bus
A-D control register
(address 00D916)
b4
b0
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com