Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 22Page - Renesas Technology Corp 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp 7480 Datasheet HTML 28Page - Renesas Technology Corp 7480 Datasheet HTML 29Page - Renesas Technology Corp 7480 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
25
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 18 Structure of timer X/timer Y mode register and timer XY control register
Timer Y mode register (TYM : address 00F7 16)
b7
b0
Timer X mode register (TXM : address 00F6 16)
Timer XY control register (TXYCON : address 00F8 16)
Not used (all “0” at read)
b7
b0
b7
b0
Timer X stop control bit
0 : Count operation
1 : Count stop
Timer Y stop control bit
0 : Count operation
1 : Count stop
Timer X operating mode bits
b2 b1 b0
0
0
0 : Timer event count mode
0
0
1 : Pulse output mode
0
1
0 : Pulse cycle measurement mode
0
1
1 : Pulse width measurement mode
1
0
0 : Programmable waveform generation mode
1
0
1 : Programmable one-shot output mode
1
1
0 : PWM mode
1
1
1 : Not used
Timer X write control bit
0 : Writing to both latch and timer
1 : Writing to latch only
Output level latch
0 : “L” output
1 : “H” output
Timer X trigger selection bit
0 : Timer X free run in programmable waveform generation
mode
1 : Trigger occurrence (input signal of INT 0 pin) and timer
X start in programmable waveform generation mode.
Timer X count source selection bits
b7 b6
00 : f(XIN)/2
0
1 : f(XIN)/8
1
0 : f(XIN)/16
1
1 : Input from CNTR0 pin
Timer Y operating mode bits
b2 b1 b0
0
0
0 : Timer event count mode
0
0
1 : Pulse output mode
0
1
0 : Pulse cycle measurement mode
0
1
1 : Pulse width measurement mode
1
0
0 : Programmable waveform generation mode
1
0
1 : Programmable one-shot output mode
1
1
0 : PWM mode
1
1
1 : Not used
Timer Y write control bit
0 : Writing to both latch and timer
1 : Writing to latch only
Output level latch
0 : “L” output
1 : “H” output
Timer Y trigger selection bit
0 : Timer Y free run in programmable waveform
generation mode
1 : Trigger occurrence (input signal of INT 1
pin) and timer
Y start in programmable waveform generation mode.
Timer Y count source selection bits
b7 b6
0
0 : f(XIN)/2
0
1 : f(XIN)/8
1
0 : f(XIN)/16
1
1 : Input from CNTR1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com