Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 36 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 32Page - Texas Instruments AMC6821 Datasheet HTML 33Page - Texas Instruments AMC6821 Datasheet HTML 34Page - Texas Instruments AMC6821 Datasheet HTML 35Page - Texas Instruments AMC6821 Datasheet HTML 36Page - Texas Instruments AMC6821 Datasheet HTML 37Page - Texas Instruments AMC6821 Datasheet HTML 38Page - Texas Instruments AMC6821 Datasheet HTML 39Page - Texas Instruments AMC6821 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
www.ti.com
REGISTER DESCRIPTION
DEVICE CONFIGURATION REGISTERS
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
In this section, all interrupts are the interrupt signal through the SMBALERT pin, unless otherwise noted.
Configuration Register 1 (Address 0x00, Value After Power-On Reset = 0xD4)
BIT
NAME
R/W
DEFAULT
DESCRIPTION
THERM interrupt enable. When this bit is set, the THERM interrupt is enabled.
L-THERM = 1 or R-THERM = 1 causes an interrupt. When this bit is cleared ('0'), the
7
THERMOVIE
R/W
1
THERM interrupt is disabled. When disabled, L-THERM = 1 or R-THERM = 1 does not
assert the SMBALERT pin, but forces the THERM pin low. Power-on default = 1.
6
FDRC1
R/W
1
Fan driver control bit 1. Power-on default = 1. Refer to Table 15.
5
FDRC0
R/W
0
Fan driver control bit 0. Power-on default = 0. Refer to Table 15.
Setting this pin to '1' enables the FAN-FAULT pin. Clearing this pin ('0') disables the
4
FAN-Fault-EN
R/W
1
FAN-FAULT pin (always in Hi-Z). Power-on default = 1.
PWM invert bit. When PWMINV = 0 (default), the PWM-Out pin goes low for 100% duty
cycle (suitable for driving the fan using a PMOS device). Setting PWMINV to '1' makes
3
PWMINV
R/W
0
the PWM-Out pin go high (with an external pull-up resistor) for 100% duty cycle (suitable
for driving the fan using a NMOS device). Power-on default = 0.
Fan RPM interrupt enable bit. Power-on default = 1. When FANIE = 1, the FAN-RPM
interrupt is enabled. FANS = 1 or RPM-ALARM = 1 generates a FANORN interrupt,
2
FANIE
R/W
1
making the SMBALERT pin go low. When FANIE = 0, a FAN-RPM interrupt is disabled.
Fan out-of-range = 1 does not generate an interrupt.
Setting this bit to '1' enables the interrupt from the SMBALERT pin. Clearing this bit ('0')
1
INT-EN
R/W
0
disables the interrupt. Power-on default = 0.
Temperature monitoring and fan speed monitoring. When START = 0 , only
0
START
R/W
0
software-DCY control mode works; software-RPM and auto temperature control modes
do not work.
Table 15. Fan Driver Control Bits
FDRC1
FDRC0
FUNCTION
Maximum speed calculated control. The required duty cycle for remote temperature and
1
1
local temperature is calculated respectively. The larger value is used to control the fan.
Auto remote-temperature-fan control. The PWM duty cycle is controlled by the remote
1
0
temperature. Power-on default mode.
0
0
Software DCY control. Host writes DCY register to set the PWM duty cycle directly.
Software RPM control. Host writes the TACH setting register with the value corresponding
0
1
to the desired RPM. The device measures the actual RPM and adjusts the PWM duty cycle
to maintain the fan speed to the target value.
36
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com