Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 17Page - Texas Instruments AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
www.ti.com
PWM_OUT
2s
2s
2s
TACH
INT
FAN_FAULT
Full-Speed
Continuing
TACHFailure
StatusRegisterReadtoClearInterrupt
FourthTACHFailure
FifthTACH
Failure
ThirdTACHFailure
FAN-FAULT PIN
FAN-FAULT
+V
10kW
AMC6821
FanFailure
(belowminimumspeed
afterfifthspin-up)
PinisEnabled
(F
AUL -ENbit=1)
AN-F
T
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The SMBALERT pin continues to generate interrupts after the assertion of the FAN-FAULT pin because the tach
measurement continues even after a fan failure. Should the fan recover from the failure condition, the
FAN-FAULT pin signal is negated and the fan returns to normal operating speed. Figure 20 shows the operation
of a FANS interrupt.
INT is a Fan-Slow (FANS) Interrupt Through the SMBALERT Pin
Figure 20. Operation of the FAN-FAULT Pin with a Spin-Up Time = 2 Seconds
The FAN-FAULT pin is an open-drain output pin, as shown in Figure 21. When the FAN-FAULT-EN bit of
Configuration Register 1 is cleared ('0'), this pin is disabled and is always in a high-impedance status. When
FAN-FAULT-EN = 1, the pin is enabled and the status indicates a fan-failure. The pin asserts low when a fan
failure occurs. FAN-FAULT is negated when the fan returns to normal speed.
Figure 21. FAN-FAULT Pin
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com