Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments AMC6821 Datasheet HTML 24Page - Texas Instruments AMC6821 Datasheet HTML 25Page - Texas Instruments AMC6821 Datasheet HTML 26Page - Texas Instruments AMC6821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
www.ti.com
StatusRegisterRead
THERMLimit
Temperature
THERM
INT
SMBALERT
via
INT
SMBALERT
via
5°
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
When the THERM limit is exceeded, the corresponding status flag bit (R-THERM or L-THERM of Status Register
1 or Status Register 2) is set to '1', and the THERM interrupt through the SMBALERT pin is generated if it is
enabled (THERMOVIE of bit Configuration Register 1 is set to '1'). This interrupt forces the SMBALERT pin low.
Note that the THERM pin is always forced to low when R-THERM = 1 or L-THERM = 1, no matter what the
status of THERMOVIE is. Reading the status registers clears the flag bit (R-THERM and L-THERM). Clearing the
flag bit makes the SMBALERT pin go back to high, but does not negate the THERM pin. It remains low until the
temperature falls 5C below the exceeded THERM limit. After this bit is cleared, the active flag bit (R-THERM for
remote temperature or L-THERM for local temperature) and the THERM interrupt are not re-armed until the
temperature falls 5
°C below the exceeded THERM limit. This procedure is shown in Figure 23.
Figure 23. Operation of the THERM Interrupt and the THERM Pin
When working as an output, the status of the THERM pin affects the RPM fan. If the THERM-FAN-EN bit is set
('1'), the fan goes to full-speed (that is, the duty cycle is 100%) when the THERM pin goes low. However, when
THERM-FAN-EN = 0, the status of the THERM pin does not affect the fan speed.
THERM Pin As An Input
When this pin works as input, it is the input of the external hardware control signal; the THERM-IN bit of Status
Register 2 reflects the input. When the THERM pin is pulled low as an input, THERM-IN is set ('1') and the fan is
driven at full speed (that is, the duty cycle is 100%), no matter what THERM-FAN-EN is. The THERM-FAN-EN
bit has no effect when the THERM pin works as an input.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com