Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 13Page - Texas Instruments AMC6821 Datasheet HTML 14Page - Texas Instruments AMC6821 Datasheet HTML 15Page - Texas Instruments AMC6821 Datasheet HTML 16Page - Texas Instruments AMC6821 Datasheet HTML 17Page - Texas Instruments AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
www.ti.com
FAN SPEED MEASUREMENT
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Table 12. PWM Frequency
PWM2
PWM1
PWM0
PWM FREQUENCY
When the PWM-MODE Pin is Floating or Tied to VDD
0
0
0
10Hz
0
0
1
15Hz
0
1
0
23Hz
0
1
1
30Hz (default)
1
0
0
38Hz
1
0
1
47Hz
1
1
0
62Hz
1
1
1
94Hz
When the PWM-MODE Pin is Tied to GND
0
0
0
1kHz
0
0
1
10kHz
0
1
0
20kHz
0
1
1
25kHz (default)
1
0
0
30kHz
1
0
1
40kHz
1
1
0
40kHz
1
1
1
40kHz
The AMC6821 monitors the fan speed (RPM) via the TACH pin, as illustrated in Figure 17. The TACH-EN bit of
Configuration Register 2 (bit 2, 0x01) enables the fan speed measurement. When TACH-EN is cleared ('0'), the
measurement is disabled. The measurement is enabled when the TACH-EN bit is set to '1'. This section
describes the device behavior when TACH-EN is set ('1').
The on-chip fan-speed counter does not count the fan tach output pulses directly because of the low RPM of the
fan. Instead, the period of the fan revolution is measured by gating an on-chip clock (100kHz). The result is
stored in the TACH-DATA Register that contains two bytes (16 bits total). RPM monitoring is disabled when the
START bit of Configuration Register 1 or the TACH-EN bit of Configuration Register 2 is cleared ('0'), and is
enabled when START = 1 and TACH-EN = 1.
If the TACH-MODE bit is cleared, RPM monitoring stops and the TACH-DATA register is not updated when the
duty cycle is less than 7% for the software duty cycle mode and auto-temperature-fan control modes. In
software-RPM mode, RPM monitoring is always performed and updated after each monitoring. If the TACH
mode = '1' the RPM monitoring is always performed, and the TACH data are always updated after each
monitoring.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com