Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 15Page - Texas Instruments AMC6821 Datasheet HTML 16Page - Texas Instruments AMC6821 Datasheet HTML 17Page - Texas Instruments AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments AMC6821 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
www.ti.com
RPMAlarm (TACHislessthanthehighlimit)
(RPMout-of-range)
FANIE
(FAN-TACHinterruptenabled)
FANS (TACHisgreaterthanthelowlimit)
FAN-ORNInterrupt
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Some fans (such as the JMC™ four-wire fan) are powered directly by dc power, instead of being powered by the
PWM. In this case, the TACH mode must be set to '1'. When TACH-MODE = 1, the PWM-Out pin is not forced
ON; instead, the status is controlled completely by the DCY register, just as in normal operation. Setting
TACH-MODE to '1' also disables the internal correction circuit because no extra duty cycle is applied. Setting the
TACH mode to '1' allows TACH reading continuously, regardless of the status of the PWM-Out pin.
The selection of the TACH mode affects the RPM monitoring and control. When the TACH-MODE bit is equal to
'1', the duty cycle of the PWM-Out pin is always determined by the calculated value; the TACH data are always
updated at every RPM monitoring. However, when the TACH-MODE bit is equal to '0', in the Software-RPM
Control mode the PWM-Out pin is forced to 30% if the calculated duty cycle is less than 30%; in other modes,
the PWM-Out pin is forced to 0% and the TACH data are not updated if the calculated duty cycle is less than 7%.
FAN RPM Out-of-Range Detection
The larger value of the TACH data corresponds to a slower speed. When the TACH data are larger than the
TACH-Low-Limit, the fan runs at a speed below the predefined minimum RPM, and the FANS bit in Status
Register 1 is set to '1'. Note that no FANS (fan-slow) detections are made during spin-up. The FANS bit is
cleared ('0') only after reading this register and reasserted ('1') in the next monitoring if a fan-slow is detected.
After spin-up, FANS is set ('1') even if the TACH data are less than the TACH-Low-Limit until the register is read.
When the TACH data are less than the TACH-High-Limit, the fan runs at a speed above the predefined
maximum RPM, and the RPM-ALARM bit in Status Register 1 is set ('1'). Note that the RPM-ALARM bit is
cleared when reading the register. Once cleared, this bit is not reasserted in the next monitoring cycle even if the
condition persists. This bit may be reasserted only if the RPM drops below the allowed maximum speed.
When FANS = 1 or RPM-ALARM = 1, there is a fan-out-of-range interrupt and FAN-ORN is generated if the
FANIE bit in Configuration Register 1 is set ('1'). This interrupt makes the SMBALERT pin go low.
Figure 18. RPM Out-of-Range Detection
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com