Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments AMC6821 Datasheet HTML 10Page - Texas Instruments AMC6821 Datasheet HTML 11Page - Texas Instruments AMC6821 Datasheet HTML 12Page - Texas Instruments AMC6821 Datasheet HTML 13Page - Texas Instruments AMC6821 Datasheet HTML 14Page - Texas Instruments AMC6821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
AMC6821
THERM
TemperatureThreshold
Registers
Limit
Comparator
Local/Remote
TemperatureRegisters
THERM
Control
OVR
Remote
Sensing
Transistor
m
P
ADC
Ref
On-ChipDiode
TemperatureSensor
CurrentSource
(I ;I )
1
0
IN+
IN-
V
DD
GND
A0
A1
SMBus/I C
Interface
2
SCLK
SDA
FAN-FAULT
SMBALERT
ChipRegisters
ControlLogic
TACHData
SignalConditioning
FanSpeedCounter
PWM
Control
AutomaticFanSpeed
Controller
+V
+5V
TACH
PWMOutput
PWM-MODE
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com