Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 31 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 27Page - Texas Instruments AMC6821 Datasheet HTML 28Page - Texas Instruments AMC6821 Datasheet HTML 29Page - Texas Instruments AMC6821 Datasheet HTML 30Page - Texas Instruments AMC6821 Datasheet HTML 31Page - Texas Instruments AMC6821 Datasheet HTML 32Page - Texas Instruments AMC6821 Datasheet HTML 33Page - Texas Instruments AMC6821 Datasheet HTML 34Page - Texas Instruments AMC6821 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
www.ti.com
TemperatureBackinLimit
(statusbitstaysset)
HighLimit
Temperature
StatusBit
SMBALERT
ClearedonRead
(Temperaturebelowlimit)
HANDLING SMBALERT INTERRUPTS
TemperatureBackinLimit
(statusbitstaysset)
HighLimit
Temperature
StickyStatusBit
SMBALERT
Interrupt Disabled
InterruptEnabled
(
Rearmed)
SMBALERT
ClearedonRead
(temperaturebelowlimit)
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Once a limit is exceeded, the corresponding status bit is set to '1'. The status bit remains set until the error
condition subsides and the status register gets read. The status bits are referred to as being sticky because they
remain set until read by software. This design ensures that out-of-limit events cannot be missed if the software is
polling the device periodically. The SMBALERT output remains low for the entire duration that the reading is out
of limits and remains low until the status register has been read. This architecture has implications on how
software handles the interrupt.
Figure 31. SMBALERT Pin and Status Bits Behavior
To prevent the system from being tied up while servicing interrupts, it is recommend to handle the SMBALERT
interrupt in this manner:
1. Detect the SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt source.
4. Disable the interrupt source by clearing the appropriate enable bit in the configuration registers.
5. Take the appropriate action for a given interrupt source.
6. Exit the interrupt handler.
7. Periodically poll the status registers. If the interrupt source bit has cleared, reset the corresponding interrupt
enable bit to '1'. This reset makes the SMBALERT output and status bits behave as shown in Figure 32.
Figure 32. How Masking the Interrupt Source Affects SMBALERT
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com