Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 14Page - Texas Instruments AMC6821 Datasheet HTML 15Page - Texas Instruments AMC6821 Datasheet HTML 16Page - Texas Instruments AMC6821 Datasheet HTML 17Page - Texas Instruments AMC6821 Datasheet HTML 18Page - Texas Instruments AMC6821 Datasheet HTML 19Page - Texas Instruments AMC6821 Datasheet HTML 20Page - Texas Instruments AMC6821 Datasheet HTML 21Page - Texas Instruments AMC6821 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
www.ti.com
TACH-DATA Register
RPM=
(100,000x60)
(ValueofTACH-DATARegister)
(2)
Clock
TACHPulse
PWM
MeasurementPeriod
for2Pulses/Revolution
TACHPulse
Measurement
Starts
Clock
MeasurementPeriodfor4PulsesPerRevolution
MeasurementPeriod
for2Pulses/Revolution
RPMMeasurementforTACH-MODE=0
RPMMeasurementforTACH-MODE=1
b)MeasuringthePeriodofTACHPulsestoDeterminetheFanSpeed
SignalConditioning
FANSpeedCounter
TACH
PWM
Control
PWM-Out
TACHData
TACH
Output
+5V
+5V
START
TACH-EN
AMC6821
a)BlockDiagramofFanSpeedMonitoring
MeasurementPeriodfor
4PulsesPerRevolution
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Two fan tach pulse periods (PSPR = 0) or four tach pulse periods (PSPR = 1) are measured and the result is
stored in the TACH-DATA Register, as shown in Figure 17. Counting stops if the counter is over-range; the
measurement cycle repeats until monitoring is disabled, and the fan speed (RPM) can be calculated as shown in
Equation 2:
Reading the TACH Data Register
To read the fan speed, both TACH-DATA-LByte and TACH-DATA-HByte must be read. TACH-DATA-LByte must
be read first. This reading causes TACH-DATA-HByte to be frozen until both the high and low byte registers
have been read from, preventing TACH reading errors.
RPM Measurement Rate
The TACH-FAST bit of Configuration Register 4 determines the rate. When TACH-FAST = 1, the TACH-DATA
Register is updated every 250ms (fast monitoring). When TACH-FAST = 0 (default), the reading is updated every
second (standard monitoring period).
Select Number of Pulses/Revolution
The speed sensor of most common fans provides two or four TACH pulses per revolution. The PSPR bit of
Configuration Register 4 specifies how many pulses per revolution are generated. PSPR = 1 indicates four
pulses/revolution and PSPR = 0 (default) indicates two pulses/revolution.
TACH Mode Selection
The TACH-MODE bit of Configuration Register 2 specifies the TACH pulse output mode of the fan. Some fans
(such as three- and two-wire) are powered directly by the PWM, and must be PWM-On to provide a TACH pulse
output. When the PWM-Out pin switches these fans ON/OFF directly, the PWM-Out must be kept ON to power
the fan during the measurement. In this case, the TACH-MODE bit of Configuration Register 2 must be cleared
('0'). When TACH-MODE = 0, the PWM-Out pin is kept ON during the critical tach edges of the measurement
period. Clearing the TACH mode ('0') also enables the internal correction circuitry to correct the error caused by
the extra duty cycle applied in the measurement period. The power-on default value of the PWM mode is '0'.
Figure 17. Fan Speed Measurement
18
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com