Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments AMC6821 Datasheet HTML 48Page - Texas Instruments AMC6821 Datasheet HTML 49Page - Texas Instruments AMC6821 Datasheet HTML 50Page - Texas Instruments AMC6821 Datasheet HTML 51Page - Texas Instruments AMC6821 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
TACH-DATA Register
TACH-DATA-LByte Register (Address 0x08, Power-On Default = 0x00)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-DATA7
TACH-DATA6
TACH-DATA5
TACH-DATA4
TACH-DATA3
TACH-DATA2
TACH-DATA1
TACH-DATA0
TACH-DATA-HByte Register (Address 0x09, Power-On Default = 0x00)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-DATA15
TACH-DATA14
TACH-DATA13
TACH-DATA12
TACH-DATA11
TACH-DATA10
TACH-DATA9
TACH-DATA8
Bits [TACH-DATA15:TACH-DATA0] are the number of clock pulses counted during one fan revolution and
represents the period of the fan revolution (refer to the Fan Speed Measurement section). Reading the TACH
data register involves a two-register read. The low byte should be read first. This method causes the high byte to
be frozen until both the high and low byte registers have been read from, preventing erroneous TACH readings.
TACH Setting Register
TACH-SETTING-LByte Register (Address 0x1E, Power-On Default = 0xFF)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-SETTING7
TACH-SETTING6
TACH-SETTING5
TACH-SETTING4
TACH-SETTING3
TACH-SETTING2
TACH-SETTING1
TACH-SETTING0
TACH-SETTING-HByte Register (Address 0x1F, Power-On Default = 0xFF)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
TACH-
SETTING15
SETTING14
SETTING13
SETTING12
SETTING11
SETTING10
SETTING9
SETTING8
Bits [TACH-SETTING15:TACH-SETTING0] represent the period of the fan revolution (in the number of clock
pulses counted during one revolution), which is equal to the reciprocal of the target fan speed. Refer to the Fan
Speed Measurement section. Software writes this register to set the target RPM in the Software-RPM Control
mode. When the TACH-MODE bit (bit 1, 0x02) is cleared ('0'), the TACH setting must be not greater than the
value corresponding to the RPM for a 30% duty cycle. When the TACH mode is equal to '1', the TACH setting
must be not greater than the value corresponding to the allowed minimum RPM at which the fan properly runs.
48
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com