Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 39Page - Texas Instruments AMC6821 Datasheet HTML 40Page - Texas Instruments AMC6821 Datasheet HTML 41Page - Texas Instruments AMC6821 Datasheet HTML 42Page - Texas Instruments AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Remote TEMP-FAN Control Register (Address 0x25, Value After Power-On or Reset = 0x61)
BIT
NAME
DEFAULT
DESCRIPTION
7
R-TEMP4
0
Low Temperature Bit of Remote Sensor
6
R-TEMP3
1
R-TEMP4
R-TEMP3
R-TEMP2
R-TEMP1
R-TEMP0
Low Temp
5
R-TEMP2
1
0
0
0
0
0
0
°C
4
R-TEMP1
0
0
0
0
0
1
4
°C
3
R-TEMP0
0
0
0
0
1
0
8
°C
0
0
0
1
1
12
°C
...
...
...
...
...
...
0
1
1
0
0
48
°C (Default)
...
...
...
...
...
...
1
1
1
1
0
120
°C
1
1
1
1
1
124
°C
2
R-SLP2
0
Slope Bits of Remote Sensor
1
R-SLP1
0
Slope
Temp Range in
°C
0
R-SLP0
1
R-SLP2
R-SLP1
R-SLP0
LSB/
°C
%/
°C
(DCY 33.3% to 100%)
0
0
0
32
12.55
5.31
0
0
1
16
6.27
10.62 (default)
0
1
0
8
3.14
21.25
0
1
1
4
1.57
42.5
1
0
0
2
0.78
85
This register specifies the parameters of the Remote Temperature-Fan Control mode.
Low Temperature Bits: [R-TEMP 4:R-TEMP0]
These bits specify the low temperature of the auto remote temperature-fan control. In this control mode, the duty
cycle is equal to the value of the DCY-LOW-TEMP register when the remote temperature is less than or equal to
the value defined by bits [R-TEMP4:R-TEMP0].
Slope Bits: [R-SLP2:R-SLP0]
These bits define the increment of the duty cycle when the remote temperature rises every 1
°C in the auto
remote temperature-fan control.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com