Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 9Page - Texas Instruments AMC6821 Datasheet HTML 10Page - Texas Instruments AMC6821 Datasheet HTML 11Page - Texas Instruments AMC6821 Datasheet HTML 12Page - Texas Instruments AMC6821 Datasheet HTML 13Page - Texas Instruments AMC6821 Datasheet HTML 14Page - Texas Instruments AMC6821 Datasheet HTML 15Page - Texas Instruments AMC6821 Datasheet HTML 16Page - Texas Instruments AMC6821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
www.ti.com
ADCand
Signal
Processing
Remote
Temperature
Registers
LPFand
SignalConditioning
SW1
SW2
I
1
I
2
BiasDiode
I
BIAS
IN+
IN-
Substrate
Sensing
Transistor
uP
Series Resistance Cancellation
Reading Temperature Data
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
The remote sensing transistor can be a substrate transistor built within the microprocessor (as in a Pentium-IV),
or a discrete small-signal type transistor. This architecture is shown in Figure 13. The internal bias diode biases
the IN– terminal above ground to prevent the ground noise from interfering with the measurement. An external
capacitor (up to 1000pF) may be placed between IN+ and IN– to further reduce the noise from interfering.
Figure 13. Remote Temperature Sensor
The analog sensing signal is pre-processed by a low-pass filter and signal conditioning circuitry, then digitized by
the ADC. The resulting digital signal is further processed by the digital filter and processing unit. The final result
is stored in the local temperature data register and remote temperature data register, respectively. The eight
MSBs are stored in the corresponding Temp-DATA-HByte register, and the three LSBs are stored in the
Temp-DATA-LByte register. Refer to the Temperature Data Registers section for details.
The format of the final result is in two’s complement; see Table 11. It should be noted that the device measures
the temperature from –40
°C to +125°C, although the code represents temperature from –128°C to +127°C.
Parasitic resistance (seen in series with the remote diode) to the IN+ and IN– inputs to the AMC6821 is caused
by a variety of factors, including printed circuit board (PCB) trace resistance and trace length. This series
resistance appears as a temperature offset in the remote sensor temperature measurement, and causes more
than 0.45
°C error per ohm. The AMC6821 is implemented with a TI-patented technology to automatically cancel
out the effect of this series resistance, giving a more accurate result without the need for user characterization of
this resistance. With this technology, the AMC6821 is able to reduce the effects of series resistance to typically
less than 0.0025
°C per ohm.
It is important to note that temperature can be read by an 8-bit value (with 1
°C of resolution) from the
Temp-DATA-HByte register, or as an 11-bit value (with 0.125
°C of resolution) from the Temp-DATA-LByte and
Temp-DATA-HByte registers. If only 1
°C of resolution is required, the temperature readings can be read back at
any time and in no particular order. If reading the 11-bit measurement is required, the process involves a
two-register read for each measurement. To get an 11-bit result of the remote sensor, the controller must read
the Temp-DATA-LByte register (0x06) first, and then the Remote-Temp-DATA-HByte register (0x0B) to complete
the reading. However, to get bit 11 of the local sensor only, or to get both local and remote sensors, the
controller
must
read
Temp-DATA-LByte
first,
Local-Temp-DATA-HByte
(0x0A)
second,
and
Remote-Temp-DATA-HByte third. This method causes all associated temperature data registers to be frozen
until the Remote-Temp-DATA-HByte register has been read. This process also prevents the high byte data from
being updated while the three LSBs are being read, and vice-versa.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com