Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC6821 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 5 Page - Texas Instruments

  AMC6821 Datasheet HTML 1Page - Texas Instruments AMC6821 Datasheet HTML 2Page - Texas Instruments AMC6821 Datasheet HTML 3Page - Texas Instruments AMC6821 Datasheet HTML 4Page - Texas Instruments AMC6821 Datasheet HTML 5Page - Texas Instruments AMC6821 Datasheet HTML 6Page - Texas Instruments AMC6821 Datasheet HTML 7Page - Texas Instruments AMC6821 Datasheet HTML 8Page - Texas Instruments AMC6821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCLK
SDA
SMBALERT
A0
A1
PWM-MODE
IN+
IN-
PWM-OUT
TACH
OVR
NC
GND
V
DD
THERM
FAN-FAULT
AMC6821
SSOP-16
(bodysize:5mmx4mm)
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Table 1. TERMINAL FUNCTIONS
NAME
PIN NO.
DESCRIPTION
PWM-OUT
1
Digital output, open-drain. PWM output to control fan speed.
TACH
2
Digital input. Fan tachometer input to measure the fan speed.
Digital output, open-drain, active low. Goes low when temperature reaches the critical shutdown
OVR
3
threshold or remote temperature sensor failed. (See the Interrupt section for details.)
NC
4
Not connected. Reserved for manufacturer's testing.
GND
5
System ground
VDD
6
Power supply, +3 to +5V
Digital input/output (open-drain). As an output, an active low output indicates the temperature over the
THERM
7
THERM temperature limit. As an input, the pin provides an external fan control. When the pin is pulled
low by external signal, the THERM-IN bit is set, and the fan is set to full-speed.
FAN-FAULT
8
Digital open-drain output. Goes low when a fan failure is detected.
IN–
9
Negative analog differential input. Connected to cathode of external temperature-sensing diode.
Positive analog differential input. Connected to anode of external temperature-sensing diode
IN+
10
Pentium-IV™ substrate transistor or general-purpose 2N3904 type transistor.
PWM mode selection. When tied low (GND), the high PWM frequency range (1kHz to 40kHz) is
PWM-MODE
11
selected. When tied to VDD or floated, the low PWM frequency range (10Hz to 94Hz) is selected.
Checked only on power-up or reset.
Device slave address selection pin (see the SMB Interface section for details). Checked only on
A1
12
power-up or reset.
Device slave address selection pin (see the SMB Interface section for details). Checked only on
A0
13
power-up or reset.
SMBALERT
14
Digital output, open-drain, SMBALERT, active low. Requires a pull-up resistor (2.2k
Ω typical).
SDA
15
Bi-directional digital I/O pin, SMBus data, open-drain. Requires a pull-up resistor (2.2k
Ω typical).
SCLK
16
Digital input, SMBus clock. Requires a pull-up resistor (2.2k
Ω typical).
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com