Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 471Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 472Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 473Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 474Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 443 of 1468
REJ09B0412-0200
(5)
Activation Timing by
DREQ Low Level with NRD = 1
When the NRD bit in DMDR is set to 1, the timing of receiving the next transfer request is
delayed for one cycle.
Figure 10.38 shows an example of single address mode activated by the
DREQ signal low level
with NRD = 1.
The
DREQ signal is sampled every cycle from the next rising edge of the Bφ signal immediately
after the DTE bit write cycle.
When a low level of the
DREQ signal is detected while a transfer request by the DREQ signal is
enabled, a transfer request is held in the DMAC. When the DMAC is activated, the transfer
request is cleared. Receiving the next transfer request resumes after one cycle of the transfer
request duration inserted by NRD = 1 on completion of the single cycle and then a low level of the
DREQ signal is detected. This operation is repeated until the transfer is completed.
Min. of 3 cycles
Min. of 3 cycles
DMA single
cycle
DMA single
cycle
B
φ
DREQ
Address bus
Channel
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[1]
After DMA transfer request is enabled, a low level of the
DREQ signal is detected at the rising edge of the Bφ signal and a transfer
request is held.
[2][5] The DMAC is activated and the transfer request is cleared.
[3][6] A DMA cycle is started.
[4][7] Transfer request enable is resumed one cycle after completion of the single cycle.
(A low level of the
DREQ signal is detected at the rising edge of the Bφ signal and a transfer request is held. This is the same as [1].)
Transfer source/
Transfer destination
Bus
released
Bus
released
Transfer request
enable resumed
Transfer request
enable resumed
Transfer source/
Transfer destination
Request
Request
Duration of transfer
request disabled
Duration of transfer
request disabled
Duration of transfer request
disabled which is extended
by NRD
Duration of transfer request
disabled which is extended
by NRD
Bus
released
Figure 10.38 Example of Transfer in Single Address Mode Activated
by
DREQ Low Level with NRD = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com