Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 474Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 446 of 1468
REJ09B0412-0200
(6)
Transfer End by NMI Interrupt
When an NMI interrupt is requested, the DTE bits for all the channels are cleared to 0 and the
ERRF bit in DMDR_0 is set to 1. When an NMI interrupt is requested during a DMA transfer, the
transfer is forced to stop. To perform DMA transfer after an NMI interrupt is requested, clear the
ERRF bit to 0 and then set the DTE bits for the channels to 1.
The transfer end timings after an NMI interrupt is requested are shown below.
(a)
Normal Transfer Mode and Repeat Transfer Mode
In dual address mode, a DMA transfer is completed after completion of the write cycle for one
transfer unit.
In single address mode, a DMA transfer is completed after completion of the bus cycle for one
transfer unit.
(b)
Block Transfer Mode
A DMA transfer is forced to stop. Since a 1-block size of transfers is not completed, operation is
not guaranteed.
In dual address mode, the write cycle corresponding to the read cycle is performed. This is similar
to (a) in normal transfer mode.
(7)
Transfer End by Address Error
When an address error occurs, the DTE bits for all the channels are cleared to 0 and the ERRF bit
in DMDR_0 is set to 1. When an address error occurs during a DMA transfer, the transfer is
forced to stop. To perform a DMA transfer after an address error occurs, clear the ERRF bit to 0
and then set the DTE bits for the channels.
The transfer end timing after an address error is the same as that after an NMI interrupt.
(8)
Transfer End by Hardware Standby Mode or Reset
The DMAC is initialized by a reset and a transition to the hardware standby mode. A DMA
transfer is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com