Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 448 of 1468
REJ09B0412-0200
10.7.2
Bus Arbitration among DMAC and Other Bus Masters
When DMA transfer cycles are consecutively performed, bus cycles of other bus masters may be
inserted between the transfer cycles. The DMAC can release the bus temporarily to pass the bus to
other bus masters.
The consecutive DMA transfer cycles may not be divided according to the transfer mode settings
to achieve high-speed access.
The read and write cycles of a DMA transfer are not separated. Refreshing, external bus release,
and on-chip bus master (CPU, DTC, or EXDMAC) cycles are not inserted between the read and
write cycles of a DMA transfer.
In block transfer mode and an auto request transfer by burst access, bus cycles of the DMA
transfer are consecutively performed. For this duration, since the DMAC has priority over the
CPU and DTC, accesses to the external space is suspended (the IBCCS bit in the bus control
register 2 (BCR2) is cleared to 0).
When the bus is passed to another channel or an auto request transfer by cycle stealing, bus cycles
of the DMAC and on-chip bus master are performed alternatively.
When the arbitration function among the DMAC and on-chip bus masters is enabled by setting the
IBCCS bit in BCR2, the bus is used alternatively except the bus cycles which are not separated.
For details, see section 9, Bus Controller (BSC).
A conflict may occur between external space access of the DMAC and a refreshing cycle,
EXDMAC cycle, or external bus release cycle. Even if a burst or block transfer is performed by
the DMAC, the transfer is stopped temporarily and a cycle of external bus release is inserted by
the BSC according to the external bus priority (when the CPU external access and the DTC
external access do not have priority over a DMAC transfer, the transfers are not operated until the
DMAC releases the bus).
In dual address mode, the DMAC releases the external bus after the external space write cycle.
Since the read and write cycles are not separated, the bus is not released.
An internal space (on-chip memory and internal I/O registers) access of the DMAC and refreshing
cycle, EXDMAC cycle, or an external bus release cycle may be performed at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com