Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 473Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 474Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 445 of 1468
REJ09B0412-0200
(3)
Transfer End by Repeat Size End Interrupt
In repeat transfer mode, when the next transfer is requested after completion of a 1-repeat size data
transfer while the RPTIE bit in DACR is set to 1, a repeat size end interrupt is requested. When
the interrupt is requested to complete DMA transfer, the DTE bit in DMDR is cleared to 0 and the
ESIF bit in DMDR is set to 1. Under this condition, setting the DTE bit to 1 resumes the transfer.
In block transfer mode, when the next transfer is requested after completion of a 1-block size data
transfer, a repeat size end interrupt can be requested.
(4)
Transfer End by Interrupt on Extended Repeat Area Overflow
When an overflow on the extended repeat area occurs while the extended repeat area is specified
and the SARIE or DARIE bit in DACR is set to 1, an interrupt by an extended repeat area
overflow is requested. When the interrupt is requested, the DMA transfer is terminated, the DTE
bit in DMDR is cleared to 0, and the ESIF bit in DMDR is set to 1.
In dual address mode, even if an interrupt by an extended repeat area overflow occurs during a
read cycle, the following write cycle is performed.
In block transfer mode, even if an interrupt by an extended repeat area overflow occurs during a 1-
block transfer, the remaining data is transferred. The transfer is not terminated by an extended
repeat area overflow interrupt unless the current transfer is complete.
(5)
Transfer End by Clearing DTE Bit in DMDR
When the DTE bit in DMDR is cleared to 0 by the CPU, a transfer is completed after the current
DMA cycle and a DMA cycle in which the transfer request is accepted are completed.
In block transfer mode, a DMA transfer is completed after 1-block data is transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com