Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 475Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 476Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 447 of 1468
REJ09B0412-0200
10.7
Relationship among DMAC and Other Bus Masters
10.7.1
CPU Priority Control Function Over DMAC
The CPU priority control function over DMAC can be used according to the CPU priority control
register (CPUPCR) setting. For details, see section 7.7, CPU Priority Control Function Over DTC,
DMAC and EXDMAC.
The priority level of the DMAC is specified by bits DMAP2 to DMAP0 and can be specified for
each channel.
The priority level of the CPU is specified by bits CPUP2 to CPUP0. The value of bits CPUP2 to
CPUP0 is updated according to the exception handling priority.
If the CPU priority control is enabled by the CPUPCE bit in CPUPCR, when the CPU has priority
over the DMAC, a transfer request for the corresponding channel is masked and the transfer is not
activated. When another channel has priority over or the same as the CPU, a transfer request is
received regardless of the priority between channels and the transfer is activated.
The transfer request masked by the CPU priority control function is suspended. When the transfer
channel is given priority over the CPU by changing priority levels of the CPU or channel, the
transfer request is received and the transfer is resumed. Writing 0 to the DTE bit clears the
suspended transfer request.
When the CPUPCE bit is cleared to 0, it is regarded as the lowest priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com