Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 477Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 478Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 479Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 480Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 481Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 482Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 483Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 484Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 449 of 1468
REJ09B0412-0200
10.8
Interrupt Sources
The DMAC interrupt sources are a transfer end interrupt by the transfer counter and a transfer
escape end interrupt which is generated when a transfer is terminated before the transfer counter
reaches 0. Table 10.7 shows interrupt sources and priority.
Table 10.7
Interrupt Sources and Priority
Abbr.
Interrupt Sources
Priority
DMTEND0
Transfer end interrupt by channel 0 transfer counter
High
DMTEND1
Transfer end interrupt by channel 1 transfer counter
DMTEND2
Transfer end interrupt by channel 2 transfer counter
DMTEND3
Transfer end interrupt by channel 3 transfer counter
DMEEND0
Interrupt by channel 0 transfer size error
Interrupt by channel 0 repeat size end
Interrupt by channel 0 extended repeat area overflow on source address
Interrupt by channel 0 extended repeat area overflow on destination address
DMEEND1
Interrupt by channel 1 transfer size error
Interrupt by channel 1 repeat size end
Interrupt by channel 1 extended repeat area overflow on source address
Interrupt by channel 1 extended repeat area overflow on destination address
DMEEND2
Interrupt by channel 2 transfer size error
Interrupt by channel 2 repeat size end
Interrupt by channel 2 extended repeat area overflow on source address
Interrupt by channel 2 extended repeat area overflow on destination address
DMEEND3
Interrupt by channel 3 transfer size error
Interrupt by channel 3 repeat size end
Interrupt by channel 3 extended repeat area overflow on source address
Interrupt by channel 3 extended repeat area overflow on destination address
Low
Each interrupt is enabled or disabled by the DTIE and ESIE bits in DMDR for the corresponding
channel. A DMTEND interrupt is generated by the combination of the DTIF and DTIE bits in
DMDR. A DMEEND interrupt is generated by the combination of the ESIF and ESIE bits in
DMDR. The DMEEND interrupt sources are not distinguished. The priority among channels is
decided by the interrupt controller and it is shown in table 10.7. For details, see section 7, Interrupt
Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com