Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1115 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1115 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1111Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1112Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1113Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1114Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1116Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1117Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1118Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1115 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1083 of 1468
REJ09B0412-0200
When consecutive A/D conversion is performed on eight channels*
1, A/D conversion starts on
AN0 when CH3 = B'0.
2. When A/D conversion for each channel is completed, the A/D conversion result is sequentially
transferred to the corresponding ADDR of each channel.
3. When A/D conversion of all selected channels is completed, the ADF bit in ADCSR is set to 1.
If the ADIE bit is set to 1 at this time, an ADI interrupt request is generated. A/D conversion of
the first channel in the group starts again.
4. The ADST bit is not cleared automatically, and steps 2 to 3 are repeated as long as the ADST
bit remains set to 1. When the ADST bit is cleared to 0, A/D conversion stops and the A/D
converter enters wait state. If the ADST bit is later set to 1, A/D conversion starts again from
the first channel in the group.
Notes: 1. Consecutive A/D conversion on eight channels is only possible in unit 0.
2. As conversion start trigger, units 0 and 1 of TMR, and units 2 and 3 of TMR are
available in unit 0, and unit 1, respectively.
ADST
ADF
ADDRA
ADDRB
ADDRC
ADDRD
Set*1
Clear*1
Clear*1
*2
Waiting for conversion
Channel 0 (AN0)
operation state
Channel 1 (AN1)
operation state
Channel 2 (AN2)
operation state
Channel 3 (AN3)
operation state
Waiting for
conversion
A/D
conver-
sion 1
A/D conversion result 3
Waiting for conversion
Waiting for
conversion
Waiting for conversion
A/D conversion result 2
A/D conversion result 4
A/D
conver-
sion 5
A/D
conver-
sion 4
A/D conversion time
Waiting for conversion
A/D
conver-
sion 3
Waiting for conversion
Waiting for conversion
Waiting for conversion
A/D
conver-
sion 2
A/D conversion result 1
Transfer
A/D conversion consecutive execution
Notes: 1.
2.
↓ indicates the timing of instruction execution by software.
Data being converted is ignored.
Figure 22.4 Example of A/D Conversion
(Continuous Scan Mode, Three Channels (AN0 to AN2) Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com