Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1119 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1119 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1116Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1117Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1118Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1119Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1120Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1121Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1122Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1119 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1087 of 1468
REJ09B0412-0200
Table 22.6
A/D Conversion Time (Scan Mode) (Unit 1)
EXCKS
CKS1
CKS0
Conversion Time (Number of States)
0
512 (fixed)
0
1
256 (fixed)
0
128 (fixed)
0
1
1
64 (fixed)
0
320 (fixed)
0
1
160 (fixed)
0
80 (fixed)
1
1
1
40 (fixed)
22.4.4
External Trigger Input Timing
A/D conversion can be externally triggered. For unit 0, an external trigger is input from the
ADTRG0 pin when the TRGS1, TRGS0, and EXTRGS bits are set to B'110 in ADCR_0. For unit
1, an external trigger is input from the
ADTRG1 pin when the TRGS1, TRGS0, and EXTRGS bits
are set to B'110 in ADCR_1. A/D conversion starts when the ADST bit in ADCSR is set to 1 on
the falling edge of the
ADTRG pin. Other operations, in both single and scan modes, are the same
as when the ADST bit has been set to 1 by software. Figure 22.7 shows the timing.
Also, A/D conversion for multiple units can be externally triggered (multiple units can start
simultaneously). For units 0 and 1, an external trigger is input from the
ADTRG0 pin when the
TRGS1, TRGS0, and EXTRGS bits are set to B'111 in ADCR_0 and ADCR_1. A/D conversion
starts when the ADST bit in ADCSR is set to 1 on the falling edge of the
ADTRG pin. The timing
is different from the one when multiple units do not start simultaneously. Figure 22.8 shows the
timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com