Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1118 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1118 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1114Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1116Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1117Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1118Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1119Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1120Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1121Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1118 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1086 of 1468
REJ09B0412-0200
Table 22.3
A/D Conversion Characteristics (EXCKS1 = 0)
CKS1 = 0
CKS1 = 1
CKS = 0
CKS = 1
CKS = 0
CKS = 1
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion start
delay time
t
D
4
14
4
10
4
8
3
7
Input sampling time
t
SPL
312
156
78
39
A/D conversion time
t
CONV
518
528
262
268
134
138
69
73
Note:
Values in the table are the number of states.
Table 22.4
A/D Conversion Characteristics (EXCKS1 = 1: Unit 1)
CKS1 = 0
CKS1 = 1
CKS = 0
CKS = 1
CKS = 0
CKS = 1
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion start
delay time
t
D
4
14
4
10
4
8
3
7
Input sampling time
t
SPL
120
60
30
15
A/D conversion time
t
CONV
326
336
166
172
86
90
45
49
Note:
Values in the table are the number of states.
Table 22.5 A/D Conversion Time (Scan Mode) (Unit 0)
CKS1
CKS0
Conversion Time (Number of States)
0
512 (fixed)
0
1
256 (fixed)
0
128 (fixed)
1
1
64 (fixed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com