Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 1117 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 1117 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 1113Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1114Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1115Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1116Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1117Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1118Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1119Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1120Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 1121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1117 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1085 of 1468
REJ09B0412-0200
22.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 22.6 shows the A/D conversion timing. Tables 22.3 and 22.4
show the A/D conversion time.
As shown in figure 22.6, the A/D conversion time (t
CONV) includes the A/D conversion start delay
time (t
D) and the input sampling time (tSPL). The length of tD varies depending on the timing of the
write access to ADCSR. The total conversion time therefore varies within the ranges indicated in
tables 22.3 and 22.4.
In scan mode, the values given in tables 22.3 and 22.4 apply to the first conversion time. The
values given in table 22.5 apply to the second and subsequent conversions. In either case, bits
CKS1 and CKS0 in ADCR should be set so that the conversion time is within the ranges indicated
by the A/D conversion characteristics.
(1)
(2)
tD
tSPL
tCONV
P
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
ADCSR write cycle
(2):
ADCSR address
tD:
A/D conversion start delay time
tSPL:
Input sampling time
tCONV: A/D conversion time
Figure 22.6 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com