Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 29Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 30Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 31Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 32Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 33Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 34Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 35Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 36Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 387 page
background image
1-15
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
I/O PORTS
The I/O ports have direction registers which determine the input/
output direction of each individual pin. Each bit in a direction reg-
ister corresponds to one pin, and each pin can be set to be input
port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
P00/AN8–P07/AN15
P10/INT41
P11/INT01
P12–P17
P20/LED0
P27/LED7
P30/DA1
P31/DA2
P32/SDA
P33/SCL
P34/RxD3
P35/TxD3
P36/SCLK3
P37/SRDY3
P40/INT40/XCIN
P41/INT00/XCOUT
P42/INT1
P43/INT2
P44/RxD1
P45/TxD1
P46/SCLK1
P47/SRDY1/CNTR2
Pin
Name
I/O Structure
CMOS compatible input level
CMOS 3-state output
Non-Port Function
Ref.No.
Table 5 I/O port function
Related SFRs
Port P0
Port P1
Port P3
(1)
(2)
Port P2
A/D converter input
External interrupt input
D/A converter output
AD/DA control register
Interrupt edge selection
register
AD/DA control register
(3)
(4)
(5)
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
N-channel open-drain output
CMOS/SMBUS input level (when
selecting I2C-BUS interface function)
CMOS compatible input level
CMOS 3-state output
Port P4
Serial I/O3 function I/O
Serial I/O3 control
register
UART3 control register
(6)
(7)
(8)
(9)
External interrupt input
Sub-clock generating
circuit
External interrupt input
Serial I/O1 function I/O
Interrupt edge selection
register
CPU mode register
Interrupt edge selection
register
Serial I/O1 control
register
UART1 control register
(10)
(11)
(2)
(6)
(7)
(8)
(12)
Serial I/O1 function I/O
Timer Z function I/O
Serial I/O1 control
register
Timer Z mode register
Serial I/O2 control
register
Serial I/O2 function I/O
Port P5
Port P6
(13)
(14)
(15)
(16)
(17)
(18)
(2)
(1)
Timer X, Y function I/O
PWM output
External interrupt input
A/D converter input
Timer XY mode register
PWM control register
Interrupt edge selection
register
AD/DA control register
Notes 1: Refer to the applicable sections how to use double-function ports as function I/O ports.
2: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
comes an input pin. When “1” is written to that bit, that pin be-
comes an output pin.
If data is read from a pin which is set to output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating. If a pin set to input is written to, only the port
output latch is written to and the pin remains floating.
P50/SIN2
P51/SOUT2
P52/SCLK2
P53/SRDY2
P54/CNTR0
P55/CNTR1
P56/PWM
P57/INT3
P60/AN0–P67/AN7
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
CMOS 3-state output
CMOS compatible input level
CMOS 3-state output
I2C-BUS interface func-
tion I/O
I2C control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com