Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 93Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 94Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 95Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 96Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 97Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 98Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 99Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 100Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 387 page
background image
1-79
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 76 State transitions of system clock
CM4 : Port Xc switch bit
0 : I/O port function (stop oscillating)
1 : XCIN-XCOUT oscillating function
CM5 : Main clock (XIN- XOUT) stop bit
0 : Operating
1 : Stopped
CM7, CM6: Main clock division ratio selection bit
b7 b6
0
0 :
φ = f(XIN)/2 ( High-speed mode)
0
1 :
φ = f(XIN)/8 (Middle-speed mode)
1
0 :
φ = f(XCIN)/2 (Low-speed mode)
1
1 : Not available
Notes
Reset
C
M
4
“0
←→
“1
C
M
6
“1
←→
“0
C
M
4
“1
”←
“0
C
M
6
“1
”←
“0
CM6
“1”
←→“0”
CM6
“1”
←→“0”
CPU mode register
b7
b4
CM
7
“0
←→
“1”
CM
6
“1
←→
“0”
(CPUM : address 003B16)
CM7=0
CM6=1
CM5=0(8 MHz oscillating)
CM4=0(32 kHz stopped)
Middle-speed mode
(f(
φ)=1 MHz)
CM7=0
CM6=1
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
Middle-speed mode
(f(
φ)=1 MHz)
CM7=0
CM6=0
CM5=0(8 MHz oscillating)
CM4=0(32 kHz stopped)
High-speed mode
(f(
φ)=4 MHz)
CM7=1
CM6=0
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
Low-speed mode
(f(
φ)=16 kHz)
CM7=1
CM6=0
CM5=1(8 MHz stopped)
CM4=1(32 kHz oscillating)
Low-speed mode
(f(
φ)=16 kHz)
CM7=0
CM6=0
CM5=0(8 MHz oscillating)
CM4=1(32 kHz oscillating)
High-speed mode
(f(
φ)=4 MHz)
1 : Switch the mode by the allows shown between the mode blocks. (Do not switch between the modes directly without an allow.)
2 : The all modes can be switched to the stop mode or the wait mode and return to the source mode when the stop mode or the wait mode is
ended.
3 : Timer operates in the wait mode.
4 : When the stop mode is ended, a delay of approximately 1 ms occurs by connecting prescaler 12 and Timer 1 in middle/high-speed mode.
5 : When the stop mode is ended, a delay of approximately 0.25 s occurs by Timer 1 and Timer 2 in low-speed mode.
6 : Wait until oscillation stabilizes after oscillating the main clock XIN before the switching from the low-speed mode to middle/high-speed
mode.
7 : The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin.
φ indicates the internal clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com