Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 40Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 41Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 42Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 43Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 44Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 45Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 46Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 47Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 387 page
background image
1-26
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 20 Structure of interrupt-related registers
Interrupt edge selection register
INT0 active edge selection bit
INT1 active edge selection bit
Not used (returns “0” when read)
INT2 active edge selection bit
INT3 active edge selection bit
INT4 active edge selection bit
INT0, INT4 interrupt switch bit
0 : INT00, INT40 interrupt
1 : INT01, INT41 interrupt
Not used (returns “0” when read)
(INTEDGE : address 003A16)
Interrupt request register 1
INT0/Timer Z interrupt request bit
INT1 interrupt request bit
Serial I/O1 receive interrupt request bit
Serial I/O1 transmit/SCL, SDA interrupt
request bit
Timer X interrupt request bit
Timer Y interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Interrupt control register 1
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
(ICON1 : address 003E16)
Interrupt request register 2
CNTR0/SCL, SDA interrupt request bit
CNTR1/Serial I/O3 receive interrupt
request bit
Serial I/O2/Timer Z interrupt request bit
INT2/I2C interrupt request bit
INT3 interrupt request bit
INT4/CNTR2 interrupt request bit
AD converter/Serial I/O3 transmit
interrupt request bit
Not used (returns “0” when read)
(IREQ2 : address 003D16)
Interrupt control register 2
0 : Interrupts disabled
1 : Interrupts enabled
(ICON2 : address 003F16)
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
CNTR0/SCL, SDA interrupt enable bit
CNTR1/Serial I/O3 receive interrupt
enable bit
Serial I/O2/Timer Z interrupt enable bit
INT2/I2C interrupt enable bit
INT3 interrupt enable bit
INT4/CNTR2 interrupt enable bit
AD converter/Serial I/O3 transmit
interrupt enable bit
Not used (returns “0” when read)
INT0/Timer Z interrupt enable bit
INT1 interrupt enable bit
Serial I/O1 receive interrupt enable bit
Serial I/O1 transmit/SCL, SDA interrupt
enable bit
Timer X interrupt enable bit
Timer Y interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
b7
Interrupt source selection register
b0
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
INT0/Timer Z interrupt source selection bit
0 : INT0 interrupt
1 : Timer Z interrupt
Serial I/O2/Timer Z interrupt source selection bit
0 : Serial I/O2 interrupt
1 : Timer Z interrupt
Serial I/O1 transmit/SCL, SDA interrupt source selection bit
0 : Serial I/O1 transmit interrupt
1 : SCL, SDA interrupt
CNTR0/SCL, SDA interrupt source selection bit
0 : CNTR0 interrupt
1 : SCL, SDA interrupt
INT4/CNTR2 interrupt source selection bit
0 : INT4 interrupt
1 : CNTR2 interrupt
INT2/I2C interrupt source selection bit
0 : INT2 interrupt
1 : I2C interrupt
CNTR1/Serial I/O3 receive interrupt source selection bit
0 : CNTR1 interrupt
1 : Serial I/O3 receive interrupt
AD converter/Serial I/O3 transmit interrupt source selection bit
0 : A/D converter interrupt
1 : Serial I/O3 transmit interrupt
(Do not write “1” to these bits simultaneously.)
(INTSEL: address 003916)
(Do not write “1” to these bits simultaneously.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com