Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 76Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 77Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 78Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 79Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 80Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 81Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 82Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 83Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 387 page
background image
1-62
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Table 8 Set values of I2C clock control register and SCL
frequency
Fig. 58 Structure of I2C clock control register
SCL frequency
(at
φ = 4 MHz, unit : kHz) (Note 1)
Setting value of
CCR4–CCR0
Standard clock
mode
Setting disabled
Setting disabled
Setting disabled
High-speed clock
mode
CCR4
0
0
0
0
0
0
0
1
1
1
CCR3
0
0
0
0
0
0
0
1
1
1
CCR2
0
0
0
0
1
1
1
1
1
1
CCR1
0
0
1
1
0
0
1
0
1
1
CCR0
0
1
0
1
0
1
0
1
0
1
Setting disabled
Setting disabled
Setting disabled
34.5
33.3
32.3
100
83.3
333
250
400 (Note 3)
166
– (Note 2)
– (Note 2)
[I2C Clock Control Register (S2)] 001516
The I2C clock control register (S2: address 001516) is used to set
ACK control, SCL mode and SCL frequency.
•Bits 0 to 4: SCL frequency control bits (CCR0–CCR4)
These bits control the SCL frequency. Refer to Table 8.
•Bit 5: SCL mode specification bit (FAST MODE)
This bit specifies the SCL mode. When this bit is set to “0,” the
standard clock mode is selected. When the bit is set to “1,” the
high-speed clock mode is selected.
When connecting the bus of the high-speed mode I2C bus stan-
dard (maximum 400 kbits/s), use 8 MHz or more oscillation
frequency f(XIN) in the high-speed mode (2 division clock).
•Bit 6: ACK bit (ACK BIT)
This bit sets the SDA status when an ACK clockis generated.
When this bit is set to “0,” the ACK return mode is selected and
SDA goes to “L” at the occurrence of an ACK clock. When the bit
is set to “1,” the ACK non-return mode is selected. The SDA is
held in the “H” status at the occurrence of an ACK clock.
However, when the slave address agree with the address data in
the reception of address data at ACK BIT = “0,” the SDA is auto-
matically made “L” (ACK is returned). If there is a disagreement
between the slave address and the address data, the SDA is auto-
matically made “H” (ACK is not returned).
✽ACK clock: Clock for acknowledgment
•Bit 7: ACK clock bit (ACK)
This bit specifies the mode of acknowledgment which is an ac-
knowledgment response of data transfer. When this bit is set to
“0,” the no ACK clock mode is selected. In this case, no ACK clock
occurs after data transmission. When the bit is set to “1,” the ACK
clock mode is selected and the master generates an ACK clock
each completion of each 1-byte data transfer. The device for
transmitting address data and control data releases the SDA at
the occurrence of an ACK clock (makes SDA “H”) and receives the
ACK bit generated by the data receiving device.
Note: Do not write data into the I2C clock control register during transfer. If
data is written during transfer, the I2C clock generator is reset, so
that data cannot be transferred normally.
500/CCR value
(Note 3)
1000/CCR value
(Note 3)
17.2
16.6
16.1
Notes 1: Duty of SCL output is 50 %. The duty becomes 35 to 45 % only
when the high-speed clock mode is selected and CCR value = 5
(400 kHz, at
φ = 4 MHz). “H” duration of the clock fluctuates from
–4 to +2 machine cycles in the standard clock mode, and fluctu-
ates from –2 to +2 machine cycles in the high-speed clock mode.
In the case of negative fluctuation, the frequency does not in-
crease because “L” duration is extended instead of “H” duration
reduction.
These are values when SCL synchronization by the synchronous
function is not performed. CCR value is the decimal notation
value of the SCL frequency control bits CCR4 to CCR0.
2: Each value of SCL frequency exceeds the limit at
φ = 4 MHz or
more. When using these setting value, use
φ of 4 MHz or less.
3: The data formula of SCL frequency is described below:
φ/(8 ✕ CCR value) Standard clock mode
φ/(4 ✕ CCR value) High-speed clock mode (CCR value ≠ 5)
φ/(2 ✕ CCR value) High-speed clock mode (CCR value = 5)
Do not set 0 to 2 as CCR value regardless of
φ frequency.
Set 100 kHz (max.) in the standard clock mode and 400 kHz
(max.) in the high-speed clock mode to the SCL frequency by
setting the SCL frequency control bits CCR4 to CCR0.
ACK
ACK
BIT
FAST
MODE
CCR4 CCR3 CCR2 CCR1 CCR0
I2C clock control register
(S2 : address 001516)
b7b0
SCL frequency control bits
Refer to Table 8.
SCL mode specification bit
0 : Standard clock mode
1 : High-speed clock mode
ACK bit
0 : ACK is returned.
1 : ACK is not returned.
ACK clock bit
0 : No ACK clock
1 : ACK clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com