Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 53Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 54Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 55Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 56Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 57Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 58Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 59Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 60Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 387 page
background image
1-39
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 30 Timing chart of programmable waveform generating mode
Fig. 31 Timing chart of programmable one-shot generating mode (“H” one-shot pulse generating)
FFFF16
000016
T3
T2
T1
T2
T3
L
L
T1
TR
TR
TR
TR
CNTR2
CNTR2
Signal output
from CNTR2 pin
L : Timer initial value
TR : Timer interrupt request
CNTR2 : CNTR2 interrupt request
(CNTR2 active edge switch bit = “0”; Falling edge active)
FFFF16
L
L
TRTRTR
LL
CNTR2
CNTR2
Signal output
from CNTR2 pin
L : One-shot pulse width
TR : Timer interrupt request
CNTR2 : CNTR2 interrupt request
(CNTR2 active edge switch bit = “0”; Falling edge active)
Signal input from
INT1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com