Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 62Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 63Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 64Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 65Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 66Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 67Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 68Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 69Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 387 page
background image
1-48
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Serial I/O3
Serial I/O3 can be used as either clock synchronous or asynchro-
nous (UART) serial I/O3. A dedicated timer is also provided for
baud rate generation.
(1) Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O3 mode can be selected by setting
the serial I/O3 mode selection bit of the serial I/O3 control register
(bit 6 of address 003216) to “1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. If an internal clock is used, transfer is
started by a write signal to the transmit/receive buffer register.
Fig. 40 Block diagram of clock synchronous serial I/O3
Fig. 41 Operation of clock synchronous serial I/O3
1/4
1/4
F/F
P36/SCLK3
Serial I/O3 status register
Serial I/O3 control register
P37/SRDY3
P34/RXD3
P35/TXD3
Receive buffer register 3
Address 003016
Receive shift register 3
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Shift clock
Serial I/O3 synchronous
clock selection bit
Frequency division ratio 1/(n+1)
Baud rate generator 3
Address 002F16
BRG count source selection bit
Clock control circuit
Falling-edge detector
Transmit buffer register 3
Data bus
Address 003016
Shift clock
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Address 003116
Data bus
Address 003216
Transmit shift register 3
f(XIN)
(f(XCIN) in low-speed mode)
D7
D7
D0
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TBE = 1
TSC = 0
Transfer shift clock
(1/2 to 1/2048 of the internal
clock, or an external clock)
Serial output TxD3
Serial input RxD3
Write pulse to receive/transmit
buffer register (address 003016)
Overrun error (OE)
detection
Notes 1: As the transmit interrupt (TI), which can be selected, either when the transmit buffer has emptied (TBE=1) or after the
transmit shift operation has ended (TSC=1), by setting the transmit interrupt source selection bit (TIC) of the serial I/O3
control register.
2: If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and serial data
is output continuously from the TxD pin.
3: The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1” .
Receive enable signal SRDY3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com