Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 87Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 88Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 89Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 90Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 91Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 92Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 93Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 94Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 387 page
background image
1-73
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
(2) START condition generating procedure using multi-master
1. Procedure example (The necessary conditions of the generat-
ing procedure are described as the following 2 to 5.
::
LDA —
(Taking out of slave address value)
SEI
(Interrupt disabled)
BBS 5, S1, BUSBUSY (BB flag confirming and branch process)
BUSFREE:
STA S0
(Writing of slave address value)
LDM #$F0, S1
(Trigger of START condition generating)
CLI
(Interrupt enabled)
::
BUSBUSY:
CLI
(Interrupt enabled)
::
2. Use “Branch on Bit Set” of “BBS 5, S1, –” for the BB flag con-
firming and branch process.
3. Use “STA $12, STX $12” or “STY $12” of the zero page ad-
dressing instruction for writing the slave address value to the
I2C data shift register.
4. Execute the branch instruction of above 2 and the store instruc-
tion of above 3 continuously shown the above procedure
example.
5. Disable interrupts during the following three process steps:
• BB flag confirming
• Writing of slave address value
• Trigger of START condition generating
When the condition of the BB flag is bus busy, enable interrupts
immediately.
(3) RESTART condition generating procedure
1. Procedure example (The necessary conditions of the generat-
ing procedure are described as the following 2 to 4.)
Execute the following procedure when the PIN bit is “0.”
::
LDM #$00, S1
(Select slave receive mode)
LDA —
(Taking out of slave address value)
SEI
(Interrupt disabled)
STA S0
(Writing of slave address value)
LDM #$F0, S1
(Trigger of RESTART condition generating)
CLI
(Interrupt enabled)
::
2. Select the slave receive mode when the PIN bit is “0.” Do not
write “1” to the PIN bit. Neither “0” nor “1” is specified for the
writing to the BB bit.
The TRX bit becomes “0” and the SDA pin is released.
3. The SCL pin is released by writing the slave address value to
the I2C data shift register.
4. Disable interrupts during the following two process steps:
• Writing of slave address value
• Trigger of RESTART condition generating
(4) Writing to I2C status register
Do not execute an instruction to set the PIN bit to “1” from “0” and
an instruction to set the MST and TRX bits to “0” from “1” simulta-
neously. It is because it may enter the state that the SCL pin is
released and the SDA pin is released after about one machine
cycle. Do not execute an instruction to set the MST and TRX bits
to “0” from “1” simultaneously when the PIN bit is “1.” It is because
it may become the same as above.
(5) Process of after STOP condition generating
Do not write data in the I2C data shift register S0 and the I2C sta-
tus register S1 until the bus busy flag BB becomes “0” after
generating the STOP condition in the master mode. It is because
the STOP condition waveform might not be normally generated.
Reading to the above registers does not have the problem.
sPrecautions when using multi-master I2C-
BUS interface
(1) Read-modify-write instruction
The precautions when the read-modify-write instruction such as
SEB, CLB etc. is executed for each register of the multi-master
I2C-BUS interface are described below.
• I2C data shift register (S0: address 001116)
When executing the read-modify-write instruction for this regis-
ter during transfer, data may become a value not intended.
• I2C slave address registers 0 to 2 (S0D0 to S0D2: addresses
0FF716 to0FF916)
When the read-modify-write instruction is executed for this regis-
ter at detecting the STOP condition, data may become a value
not intended. It is because H/W changes the read/write bit
(RWB) at the above timing.
• I2C status register (S1: address 001316)
Do not execute the read-modify-write instruction for this register
because all bits of this register are changed by H/W.
• I2C control register (S1D: address 001416)
When the read-modify-write instruction is executed for this regis-
ter at detecting the START condition or at completing the byte
transfer, data may become a value not intended. Because H/W
changes the bit counter (BC0-BC2) at the above timing.
• I2C clock control register (S2: address 001516)
The read-modify-write instruction can be executed for this regis-
ter.
• I2C START/STOP condition control register (S2D: address
001616)
The read-modify-write instruction can be executed for this regis-
ter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com