Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 37Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 38Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 39Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 40Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 41Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 42Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 43Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 44Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 387 page
background image
1-23
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
INTERRUPTS
The 3804 group (Spaec. H)’s interrupts are a type of vector and
occur by 16 sources among 23 sources: nine external, thirteen in-
ternal, and one software.
Interrupt Control
Each interrupt is controlled by an interrupt request bit, an interrupt
enable bit, and the interrupt disable flag except for the software in-
terrupt set by the BRK instruction. An interrupt occurs if the
corresponding interrupt request and enable bits are “1” and the in-
terrupt disable flag is “0”.
Interrupt enable bits can be set or cleared by software.
Interrupt request bits can be cleared by software, but cannot be
set by software.
The reset and the BRK instruction cannot be disabled with any
flag or bit. The I (interrupt disable) flag disables all interrupts ex-
cept the reset and the BRK instruction interrupt.
When several interrupt requests occur at the same time, the inter-
rupts are received according to priority.
Interrupt Operation
By acceptance of an interrupt, the following operations are auto-
matically performed:
1. The contents of the program counter and the processor status
register are automatically pushed onto the stack.
2. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
3. The interrupt jump destination address is read from the vector
table into the program counter.
Interrupt Source Selection
Which of each combination of the following interrupt sources can
be selected by the interrupt source selection register (address
003916).
1. INT0 or Timer Z
2. Serial I/O1 transmission or SCL, SDA
3. CNTR0 or SCL, SDA
4. CNTR1 or Serial I/O3 reception
5. Serial I/O2 or Timer Z
6. INT2 or I2C
7. INT4 or CNTR2
8. A/D converter or serial I/O3 transmission
External Interrupt Pin Selection
The occurrence sources of the external interrupt INT0 and INT4
can be selected from either input from INT00 and INT40 pin, or in-
put from INT01 and INT41 pin by the INT0, INT4 interrupt switch bit
of interrupt edge selection register (bit 6 of address 003A16).
s Notes
When setting the followings, the interrupt request bit may be set to
“1”.
•When setting external interrupt active edge
Related register: Interrupt edge selection register (address 003A16)
Timer XY mode register (address 002316)
Timer Z mode register (address 002A16)
I2C START/STOP condition control register
(address 001616)
•When switching interrupt sources of an interrupt vector address
where two or more interrupt sources are allocated
Related register: Interrupt source selection register
(address 003916)
When not requiring for the interrupt occurrence synchronized with
these setting, take the following sequence.
➀Set the corresponding interrupt enable bit to “0” (disabled).
➁Set the interrupt edge select bit or the interrupt source select bit
to “1”.
➂Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
{Set the corresponding interrupt enable bit to “1” (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com