Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 79Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 80Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 81Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 82Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 83Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 84Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 85Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 86Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 387 page
background image
1-65
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 61 Interrupt request signal generating timing
Fig. 60 Structure of I2C status register
•Bit 6: Communication mode specification bit (transfer direc-
tion specification bit: TRX)
This bit decides a direction of transfer for data communication.
When this bit is “0,” the reception mode is selected and the data of
a transmitting device is received. When the bit is “1,” the transmis-
sion mode is selected and address data and control data are
output onto the SDA in synchronization with the clock generated
on the SCL.
This bit is set/reset by software and hardware. About set/reset by
hardware is described below. This bit is set to “1” by hardware
when all the following conditions are satisfied:
• When ALS is “0”
• In the slave reception mode or the slave transmission mode
• When the R/W bit reception is “1”
This bit is set to “0” in one of the following conditions:
• When arbitration lost is detected.
• When a STOP condition is detected.
• When writing “1” to this bit by software is invalid by the START
condition duplication preventing function (Note).
• With MST = “0” and when a START condition is detected.
• With MST = “0” and when ACK non-return is detected.
• At reset
•Bit 7: Communication mode specification bit (master/slave
specification bit: MST)
This bit is used for master/slave specification for data communica-
tion. When this bit is “0,” the slave is specified, so that a START
condition and a STOP condition generated by the master are re-
ceived, and data communication is performed in synchronization
with the clock generated by the master. When this bit is “1,” the
master is specified and a START condition and a STOP condition
are generated. Additionally, the clocks required for data communi-
cation are generated on the SCL.
This bit is set to “0” in one of the following conditions.
• Immediately after completion of the byte which has lost arbitra-
tion when arbitration lost is detected
• When a STOP condition is detected.
• Writing “1” to this bit by software is invalid by the START condi-
tion duplication preventing function (Note).
• At reset
Note: START condition duplication preventing function
The MST, TRX, and BB bits is set to “1” at the same time after con-
firming that the BB flag is “0” in the procedure of a START condition
occurrence. However, when a START condition by another master
device occurs and the BB flag is set to “1” immediately after the con-
tents of the BB flag is confirmed, the START condition duplication
preventing function makes the writing to the MST and TRX bits in-
valid. The duplication preventing function becomes valid from the
rising of the BB flag to reception completion of slave address.
b7
MST
b0
I2C status register
(S1 : address 001316)
Last receive bit (Note)
0 :Last bit = “0”
1 :Last bit = “1”
General call detecting flag
(Note)
0 :No general call detected
1 :General call detected
Slave address comparison flag
(Note)
0 : Address disagreement
1 : Address agreement
Arbitration lost detecting flag
(Note)
0 : Not detected
1 : Detected
SCL pin low hold bit
0 : SCL pin low hold
1 : SCL pin low release
Bus busy flag
0 : Bus free
1 : Bus busy
Communication mode
specification bits
00 : Slave receive mode
01 : Slave transmit mode
10 : Master receive mode
11 : Master transmit mode
TRX BB PIN AL AAS AD0 LRB
Note: These bits and flags can be read out, but cannot be written.
Write “0” to these bits at writing.
SCL
PIN
I2CIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com