Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 42Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 43Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 44Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 45Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 46Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 47Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 48Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 49Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 387 page
background image
1-28
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
(3) Event counter mode
qMode selection
This mode can be selected by setting “10” to the timer X operating
mode bits (bits 1 and 0) and the timer Y operating mode bits (bits
5 and 4) of the timer XY mode register (address 002316).
qExplanation of operation
The operation is the same as the timer mode’s except that the
timer counts signals input from the CNTR0 or CNTR1 pin. The
valid edge for the count operation depends on the CNTR0 active
edge switch bit (bit 2) or the CNTR1 active edge switch bit (bit 6)
of the timer XY mode register (address 002316). When it is “0”, the
rising edge is valid. When it is “1”, the falling edge is valid.
sPrecautions
Set the double-function port of CNTR0/CNTR1 pin and port P54/
P55 to input in this mode.
(4) Pulse width measurement mode
qMode selection
This mode can be selected by setting “11” to the timer X operating
mode bits (bits 1 and 0) and the timer Y operating mode bits (bits
5 and 4) of the timer XY mode register (address 002316).
qExplanation of operation
When the CNTR0 active edge switch bit (bit 2) or the CNTR1 ac-
tive edge switch bit (bit 6) of the timer XY mode register (address
002316) is “1”, the timer counts during the term of one falling edge
of CNTR0/CNTR1 pin input until the next rising edge of input (“L”
term). When it is “0”, the timer counts during the term of one rising
edge input until the next falling edge input (“H” term).
sPrecautions
Set the double-function port of CNTR0/CNTR1 pin and port P54/
P55 to input in this mode.
The count operation can be stopped by setting “1” to the timer X
count stop bit (bit 3) and the timer Y count stop bit (bit 7) of the
timer XY mode register (address 002316). The interrupt request bit
is set to “1” each time the timer underflows.
•Precautions when switching count source
When switching the count source by the timer 12, X and Y count
source selection bits, the value of timer count is altered in incon-
siderable amount owing to generating of thin pulses on the count
input signals.
Therefore, select the timer count source before setting the value
to the prescaler and the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com