Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 20Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 21Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 22Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 23Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 24Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 25Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 26Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 27Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 387 page
background image
1-6
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
PART NUMBERING
Fig. 4 Part numbering
M3804 9
F
F
H
SP
Product name
Package type
SP : 64P4B
FP : 64P6N-A
HP : 64P6Q-A
KP : 64P6U-A
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
Memory type
F : Flash memory version
RAM size
0
1
2
3
4
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: standard
H : Minner spec. change product
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
9
A
B
C
D
E
F
5
6
7
8
9
: 768 bytes
: 896 bytes
: 1024 bytes
: 1536 bytes
: 2048 bytes
PART NUMBERING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com