Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 60Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 61Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 62Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 63Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 64Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 65Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 66Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 67Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 387 page
background image
1-46
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
HARDWARE
FUNCTIONAL DESCRIPTION
Serial I/O2
The serial I/O2 function can be used only for clock synchronous
serial I/O2.
For clock synchronous serial I/O2, the transmitter and the receiver
must use the same clock. If the internal clock is used, transfer is
started by a write signal to the serial I/O2 register.
[Serial I/O2 Control Register (SIO2CON)]
001D16
The serial I/O2 control register contains eight bits which control
various serial I/O2 functions.
Fig. 37 Structure of serial I/O2 control register
Fig. 38 Block diagram of serial I/O2
Serial I/O2 control register
(SIO2CON : address 001D16)
b7
Internal synchronous clock selection bits
0 0 0: f(XIN)/8 (f(XCIN)/8 in low-speed mode)
0 0 1: f(XIN)/16 (f(XCIN)/16 in low-speed mode)
0 1 0: f(XIN)/32 (f(XCIN)/32 in low-speed mode)
0 1 1: f(XIN)/64 (f(XCIN)/64 in low-speed mode)
1 1 0: f(XIN)/128 (f(XCIN)/128 in low-speed mode)
1 1 1: f(XIN)/256 (f(XCIN)/256 in low-speed mode)
Serial I/O2 port selection bit
0: I/O port
1: SOUT2,SCLK2 signal output
SRDY2 output enable bit
0: I/O port
1: SRDY2 signal output
Transfer direction selection bit
0: LSB first
1: MSB first
Serial I/O2 synchronous clock selection bit
0: External clock
1: Internal clock
P51/SOUT2 P-channel output disable bit
0: CMOS output (in output mode)
1: N-channel open drain output (in output mode)
b0
b2 b1 b0
“1”
“0”
“0”
“1”
“0”
“1”
SRDY2
“0”
“1”
1/8
1/16
1/32
1/64
1/128
1/256
Data bus
Serial I/O2
interrupt request
Serial I/O2 port selection bit
Serial I/O counter 2 (3)
Serial I/O2 register (8)
Synchronization
circuit
Serial I/O2 port selection bit
Serial I/O2 synchronous
clock selection bit
SRDY2 output enable bit
External clock
Internal synchronous
clock selection bits
P52/SCLK2
P51/SOUT2
P50/SIN2
P52 latch
P51 latch
P53 latch
P53/SRDY2
f(XIN)
(f(XCIN) in low-speed mode)
Address 001F16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com