Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 359Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 360Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 361Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 362Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 363Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 364Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 365Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 366Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 387 page
background image
3-73
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.5 Control registers
Fig. 3.5.38 Structure of CPU mode register
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register
(CPUM: address 003B16)
00 : Single-chip mode
01 :
10 :
Not available
11 :
b
0
1
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0 : 0 page
1 : 1 page
0
1
0
0: Oscillating
1: Stopped
0
1
0
Processor mode
bits
Stack page
selection bit
Port Xc switch bit
Fix this bit to “1”.
Main clock (XIN-
XOUT) stop bit
Main clock division
ratio selection bits
b1 b0
b7 b6
0 0:
φ=f(XIN)/2
(high-speed mode)
0 1:
φ=f(XIN)/8
(middle-speed mode)
1 0:
φ=f(XCIN)/2
(low-speed mode)
1 1: not available
0: I/O port function
(stop oscillating)
1: XCIN-XCOUT oscillation
function
0
Fig. 3.5.37 Structure of Interrupt edge selection register
Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt edge selection register
(INTEDGE: address 003A16)
0: Falling edge active
1: Rising edge active
b
0
1
2
3
4
5
6
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0 active edge
selection bit
0: Falling edge active
1: Rising edge active
INT1 active edge
selection bit
0: Falling edge active
1: Rising edge active
INT2 active edge
selection bit
0: Falling edge active
1: Rising edge active
INT3 active edge
selection bit
0: Falling edge active
1: Rising edge active
INT4 active edge
selection bit
INT0, INT4 interrupt
switch bit
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
7
0
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
0: INT00, INT40 interrupt
1: INT01, INT41 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com