Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 372Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 373Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 374Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 375Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 376Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 377Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 378Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 379Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 387 page
background image
Addressing mode
Symbol
Function
Details
IMP
IMM
A
BIT, A
ZP
BIT, ZP
OP n# OP n# OP n# OP n# OP n#
OP n
#
3-86
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.7 Machine instructions
This instruction subtracts one from the current
contents of X.
This instruction subtracts one from the current
contents of Y.
This instruction divides the 16-bit data in
M(zz+(X)) (low-order byte) and M(zz+(X)+1)
(high-order byte) by the contents of A. The
quotient is stored in A and the one's comple-
ment of the remainder is pushed onto the stack.
When T = 0, this instruction transfers the con-
tents of the M and A to the ALU which
performs a bit-wise Exclusive OR, and stores
the result in A.
When T = 1, the contents of M(X) and M are
transferred to the ALU, which performs a bit-
wise Exclusive OR and stores the results in
M(X). The contents of A remain unchanged,
but status flags are changed.
M(X) represents the contents of memory
where is indicated by X.
This instruction adds one to the contents of A
or M.
This instruction adds one to the contents of X.
This instruction adds one to the contents of Y.
This instruction jumps to the address desig-
nated by the following three addressing
modes:
Absolute
Indirect Absolute
Zero Page Indirect Absolute
This instruction stores the contents of the PC
in the stack, then jumps to the address desig-
nated by the following addressing modes:
Absolute
Special Page
Zero Page Indirect Absolute
When T = 0, this instruction transfers the con-
tents of M to A.
When T = 1, this instruction transfers the con-
tents of M to (M(X)). The contents of A remain
unchanged, but status flags are changed.
M(X) represents the contents of memory
where is indicated by X.
This instruction loads the immediate value in
M.
This instruction loads the contents of M in X.
This instruction loads the contents of M in Y.
DEX
DEY
DIV
EOR
(Note 1)
INC
INX
INY
JMP
JSR
LDA
(Note 2)
LDM
LDX
LDY
X
← X – 1
Y
← Y – 1
A
← (M(zz + X + 1),
M(zz + X )) / A
M(S)
← one's comple-
ment of Remainder
S
← S – 1
When T = 0
A
← A V– M
When T = 1
M(X)
← M(X) V– M
A
← A + 1 or
M
← M + 1
X
← X + 1
Y
← Y + 1
If addressing mode is ABS
PCL
← ADL
PCH
← ADH
If addressing mode is IND
PCL
← M (ADH, ADL)
PCH
← M (ADH, ADL + 1)
If addressing mode is ZP, IND
PCL
← M(00, ADL)
PCH
← M(00, ADL + 1)
M(S) ← PCH
S
← S – 1
M(S)
← PCL
S ← S – 1
After executing the above,
if addressing mode is ABS,
PCL
← ADL
PCH
← ADH
if addressing mode is SP,
PCL
← ADL
PCH
← FF
If addressing mode is ZP, IND,
PCL
← M(00, ADL)
PCH
← M(00, ADL + 1)
When T = 0
A
← M
When T = 1
M(X) ← M
M
← nn
X
← M
Y
← M
3A 21
1
1
1
1
2
2
2
2
CA
88
E8
C8
45
E6
3
5
2
2
49 22
A9
A2
A0
A5
3C
A6
A4
3
4
3
3
2
3
2
2
2
2
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com