Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 139Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 140Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 141Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 142Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 143Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 144Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 145Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 146Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 387 page
background image
2-19
APPLICATION
2.2 Interrupt
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
2.2.6 INT interrupt
The INT interrupt requests is generated when the microcomputer detects a level change of each INT pin
(INT0–INT4).
(1)
Active edge selection
INT0–INT4 can be selected from either a falling edge or rising edge detection as an active edge by
the interrupt edge selection register. In the “0” state, the falling edge of the corresponding pin is
detected. In the “1” state, the rising edge of the corresponding pin is detected.
(2)
INT0, INT2, INT4 interrupt source selection
When using the following interrupt source, select which of the interrupt source by the interrupt source
selection register (address 003916). (Set these bits to “0” when using INT.)
•INT0 or timer Z (bit 0)
•INT4 or CNTR2 (bit 4)
•INT2 or I2C (bit 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com