Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 154Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 155Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 156Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 157Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 158Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 159Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 160Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 161Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 387 page
background image
2-34
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.3.17 Control procedure
RESET
Initialization
SEI
TM
IREQ1
ICON1
T12XCSS
PREX
TX
TM
CLI
0
1
256 – 1
256 – 1
Main processing
PREX
TX
IREQ1
256 – 1
256 – 1
0
Clock stop ?
N
Y
RTI
(address 002316)
(address 003C16), bit4
(address 003E16), bit4
(address 002416)
(address 002516)
(address 003C16), bit4
CLT (Note 2)
CLD (Note 3)
Push registers to stack
(address 000E16)
(address 002416)
(address 002516)
(address 002316),
bit3
0
<Procedure for completion of clock set>
(Note 1)
Timer X interrupt process routine
Clock count up (1/4 second to year)
Pop registers
XXXX1X002
•All interrupts disabled
•Timer X : Timer mode
•Clear Timer X interrupt request bit
•Timer X interrupt enabled
•Timer X count source : f(XIN)/16
•Set “division ratio – 1” to Prescaler X and Timer X
•Timer X count start
•Interrupts enabled
•Reset Timer to restart count from 0 second after completion
of clock set
Note 1: Perform procedure for completion of clock set only
when completing clock set.
Note 2: When using Index X mode flag (T)
Note 3: When using Decimal mode flag (D)
•Push registers used in interrupt process routine
•Judge whether clock stops
•Clock count up
•Pop registers pushed to stack
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
0011XXXX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com