Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 161Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 162Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 163Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 164Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 165Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 166Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 167Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 168Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 387 page
background image
2-41
APPLICATION
2.3 Timer
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(5) Timer application example 4: Measurement of FG pulse width for motor
Outline: The timer Z counts the “H” level width of the pulses input to the P47/CNTR2 pin. An underflow
is detected by the timer Z interrupt and an end of the input pulse “H” level is detected by
the P47/CNTR2 interrupt.
Specifications: •The timer Z counts the “H” level width of the FG pulse input to the P47/CNTR2 pin.
<Example>
When the clock frequency is 8 MHz, the count source is 2
µs, which is obtained by dividing the
clock frequency by 16. Measurement can be made up to 131.072 ms in the range of FFFF16 to
000016.
Figure 2.3.25 shows the timers connection and setting of division ratio; Figure 2.3.26 shows the
relevant registers setting; Figure 2.3.27 and Figure 2.3.28 show the control procedure.
Fig. 2.3.25 Timers connection and setting of division ratios
131.072 ms
1/161/65536
f(XIN) = 8 MHz
Timer Z count source
selection bit
Timer Z
Timer Z interrupt
request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 or 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com