Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 186Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 187Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 188Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 189Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 190Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 191Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 192Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 193Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 387 page
background image
2-66
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(2)
Output of serial data (control of peripheral IC)
Outline : 4-byte data is transmitted and received, using the clock synchronous serial I/O.
The CS signal is output to a peripheral IC through port P63.
Figure 2.4.25 shows connection diagrams of example for using serial I/O1 and example for using
serial I/O2 with the same specification, and Figure 2.4.26 shows a timing chart.
Fig. 2.4.25 Connection diagrams
Specifications : • Serial I/O is used (clock synchronous serial I/O is selected.)
• Synchronous clock frequency : 125 kHz (f(XIN) = 4 MHz is divided by 32)
• Transfer direction : LSB first
• The Serial I/O interrupt is not used.
• Port P63 is connected to the CS pin (“L” active) of the peripheral IC for transmission
control; the output level of port P63 is controlled by software.
Fig. 2.4.26 Timing chart (serial I/O1)
P63
CS
Peripheral IC
(1) Example for using Serial I/O1
DATA
CS
CLK
CLK
DATA
TXD1
SCLK1
P63
CS
Peripheral IC
(2) Example for using Serial I/O2
DATA
CS
CLK
CLK
DATA
SOUT2
SCLK2
3804 group
(Spec. H)
3804 group
(Spec. H)
CS
DO0
DO1
DO2
DO3
CLK
DATA
Note: When using serial I/O2, the SOUT2 pin becomes the high-impedance state
after transfer is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com