Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 197Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 198Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 199Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 200Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 201Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 202Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 203Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 204Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 387 page
background image
2-77
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Serial I/O1 status register (Address : 001916)
SIO1STS
Transmitting side
Baud rate generator 1 (Address : 001C16)
BRG1
8 – 1
SIO1CON 1
00 1
0 1
0
UART1 control register (Address : 001B16)
UART1CON
0
01
0
f(XIN)
Transfer bit rate ✕ 16 ✕ m
–1
b7
b0
Serial I/O1 control register (Address : 001A16)
b7
b0
b7
b0
b7
b0
Set
When bit 0 of Serial I/O1 control register (Address : 001A16) is set to “0,”
a value of m is 1.
When bit 0 of Serial I/O1 control register (Address : 001A16) is set to “1,”
a value of m is 4.
BRG count source : f(XIN)/4
Synchronous clock : BRG/16
Transmit enabled
Receive disabled
Asynchronous serial I/O(UART)
Serial I/O1 enabled
SRDY1
output disabled
Character length : 8 bits
Parity checking disabled
P45/TXD1 pin : CMOS output
Stop bit length : 2 stop bits
Transmit buffer empty flag
• Confirm that the data has been transferred from Transmit buffer
register to Transmit shift register.
• When this flag is “1”, it is possible to write the next transmission
data in to Transmit buffer register.
Transmit shift register shift completion flag
Confirm completion of transmitting 1-byte data with this flag.
“1” : Transmit shift completed
Port P40: Communication control: “H” active
P4
Port P4 (Address : 000816)
0
b7
b0
Port P40: Communication control: Output mode
P4D
Port P4 direction register (Address : 000916)
1
b7
b0
Fig. 2.4.40 Registers setting relevant to transmitting side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com