Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 203Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 204Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 205Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 206Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 207Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 208Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 209Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 210Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 387 page
background image
2-83
APPLICATION
2.4 Serial interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
(7)
Transmit interrupt request when transmit enable bit is set
When the transmit interrupt is used, take the following sequence.
➀ Set the serial I/Oi transmit interrupt enable bit (i = 1, 3) to “0” (disabled).
➁ Set the tranasmit enable bit to “1”.
➂ Set the serial I/Oi transmit interrupt request bit (i = 1, 3) to “0” after 1 or more instruction has
executed.
➃ Set the serial I/Oi transmit interrupt enable bit (i = 1, 3) to “1” (enabled).
q Reason
When the transmission enable bit is set to “1”, the transmit buffer empty flag and transmit shift
register shift completion flag are also set to “1”.
Therefore, regardless of selecting which timing for the generating of transmit interrupts, the interrupt
request is generated and the transmit interrupt request bit is set at this point.
(8)
Writing to baud rate generator i (BRGi) (i = 1, 3)
Write data to the baud rate generator i (BRGi) (i = 1, 3) while the transmission/reception operation
is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com