Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 226Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 227Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 228Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 229Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 230Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 231Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 232Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 233Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 387 page
background image
2-106
APPLICATION
2.5 Multi-master I2C-BUS interface
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
➅ Generating of STOP condition
Confirm correct completion of communication at ➄ before generating the STOP condition. After
confirming correct completion, store the received data (upper data).
Clear the ACK bit (bit 6 of address 001516) to “0”, in which ACK is returned, and generate the
STOP condition. The communication mode is set to the slave receive mode by the occurrence of
STOP condition.
When the MST bit (bit 7 of address 001316) is “0”, return to the process ➀, because other devices
have priority to communicate.
Fig. 2.5.27 Generating of STOP condition
AL (address 001316), bit 3 ?
1 (detected)
0 (not detected)
S1 (address 001316)
← 110100002
End
Re-transmission preparation
Receive data buffer
← S0 (address 001116)
S2 (address 001516)
← 100001012
BB (address 001316), bit5 ? (Note)
0 (bus free)
1 (bus busy)
PIN (address 001316), bit 4 ?
1 (STOP condition)
0 (upper data transmitted)
Note: Use the branch bit instruction to check bus busy.
Also, execute the time out processing separately, if neccessary.
6
• Judgment of bus hold
• Judgment of arbitration lost detection
• Set “ACK is returned”
• Judgment of bus busy
• STOP condition occurrence
• Receive data read and save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com