Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 267Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 268Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 269Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 270Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 271Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 272Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 273Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 274Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 387 page
background image
2-147
APPLICATION
2.11
Clock generating circuit
Rev.1.00 Jan 14, 2005
REJ09B0212-0100Z
3804 Group (Spec.H)
Fig. 2.11.4 Setting of relevant registers
b7
b0
CPU mode register (CPUM) (address 003B16)
Main clock: High-speed mode (f(XIN)/2) (Note 1)
0
b7
b0
CPUM
00
01
0 0
CPUM
0
01
01
0 0
CPU mode register (CPUM) (address 003B16)
Port XC: XCIN–XCOUT oscillation function
(Note 2)
b7
b0
10
0
Internal system clock: Low-speed mode (f(XCIN)/2)
CPUM
CPU mode register (CPUM) (address 003B16)
11
0
0
b7
b0
1 0
CPUM
CPU mode register (CPUM) (address 003B16)
11
0
0
1
Main clock f(XIN): Stopped
Notes 1: This setting is necessary only when selecting the high-speed mode.
2: When selecting the middle-speed mode, bit 6 is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com