Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38049FFHKP Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # M38049FFHKP
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38049FFHKP Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button M38049FFHKP Datasheet HTML 313Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 314Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 315Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 316Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 317Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 318Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 319Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 320Page - Renesas Technology Corp M38049FFHKP Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 387 page
background image
3-27
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.3 Notes on use
3.3 Notes on use
3.3.1 Notes on input and output ports
(1)
Notes in standby state
In standby state✽1 for low-power dissipation, do not make input levels of an I/O port “undefined”.
Even when an I/O port of N-channel open-drain is set as output mode, if output data is “1”, the
aforementioned notes are necessary.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a
resistor.
When determining a resistance value, note the following points:
• External circuit
• Variation of output levels during the ordinary operation
When using built-in pull-up resistor, note on varied current values:
• When setting as an input port : Fix its input level
• When setting as an output port : Prevent current from flowing out to external
q Reason
Exclusive input ports are always in a high-impedance state. An output transistor becomes an OFF
state when an I/O port is set as input mode by the direction register, so that the port enter a high-
impedance state. At this time, the potential which is input to the input buffer in a microcomputer is
unstable in the state that input levels are “undefined”. This may cause power source current. Even
when an I/O port of N-channel open-drain is set as output mode by the direction register, if the
contents of the port latch is “1”, the same phenomenon as that of an input port will occur.
✽1 standby state: Stop mode by executing STP instruction
Wait mode by executing WIT instruction
(2)
Modifying output data with bit managing instruction
When the port latch of an I/O port is modified with the bit managing instruction✽2, the value of the
unspecified bit may be changed.
q Reason
The bit managing instructions are read-modify-write form instructions for reading and writing data
by a byte unit. Accordingly, when these instructions are executed on a bit of the port latch of an
I/O port, the following is executed to all bits of the port latch.
•As for bit which is set for input port:
The pin state is read in the CPU, and is written to this bit after bit managing.
•As for bit which is set for output port:
The bit value is read in the CPU, and is written to this bit after bit managing.
Note the following:
•Even when a port which is set as an output port is changed for an input port, its port latch holds
the output data.
•As for a bit of which is set for an input port, its value may be changed even when not specified
with a bit managing instruction in case where the pin state differs from its port latch contents.
✽2 Bit managing instructions: SEB and CLB instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com