Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 419Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 420Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 421Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 422Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 423Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 424Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 425Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 426Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 615 page
background image
SI/O3, 4
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-106
Figure 2.6.1. Memory map of serial I/O3, 4-related registers
2.6.1 Overview of the SI/O3,4 usage
SI/O3, 4 carries out 8-bit data communications in synchronization with the clock. The following is an
overview of the SI/O3, 4 usage.
(1) Transmission/reception format
8-bit data
(2) Transfer rate
If the internal clock is selected as the transfer clock, the divide-by-2 frequency, resulting from the bit
rate generator division, becomes the transfer rate. The bit rate generator count source can be se-
lected from the following: f1, f8, and f32. Clocks f1, f8, and f32 are derived by dividing the CPU’s main
clock by 1, 8, and 32 respectively.
Furthermore, if an external clock is selected as the transfer clock, the clock frequency input to the CLK
pin becomes the transfer rate.
(3) Function selection
For SI/O3, 4, the following functions can be selected:
(a) Function for choosing which bit to transmit first
This function is to choose whether to transmit data from bit 0 or from bit 7. Choose either of the
following:
• LSB first
Data is transmitted from bit 0.
• MSB first
Data is transmitted from bit 7.
(b) Choosing output level when not transferring
• Internal clock
High-impedance output.
• External clock
"H" or "L" output level is selected.
(6) Input to the serial I/O and the direction register
To input an external signal to the serial I/O, set the direction register of the relevant port to input.
(7) Pins related to the SI/O3, 4
• CLK3, CLK4 pins
Input/output pins for the transfer clock
• SIN3, SIN4 pins
Input pins for data
• SOUT3, SOUT4 pins
Output pins for data
(8) Registers related to the SI/O3, 4
Figure 2.6.1 shows the memory map of SI/O3, 4-related registers, and Figures 2.6.2 show SI/O3, 4-
related registers.
2.6 SI/O3, 4 Usage
004816
004916
SI/O4 interrupt control register (S4IC)
SI/O3 interrupt control register (S3IC)
SI/O3 transmit/receive register (S3TRR)
036016
036116
036216
036316
036416
036516
036616
036716
SI/O3 transmit/receive control register (S3C)
SI/O3
bit rate generator (S3BRG)
SI/O4 transmit/receive register (S4TRR)
SI/O4 control register (S4C)
SI/O4
bit rate generator (S4BRG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com